Part Number Hot Search : 
103SHCBE H11N1TVM 74LS14N TGA1055 CX06B227 E100A 683ML KT933
Product Description
Full Text Search
 

To Download 2SC3902 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3902
DESCRIPTION *With TO-126 package *Complement to type 2SA1507 *Large current capacity *High breakdown voltage APPLICATIONS *Color TV audio output ,converters, inverters
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Ta=25 PD Total power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 10 150 -55 +150 CONDITIONS Open emitter Open base Open collector VALUE 180 160 6 1.5 2.5 1.5 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency CONDITIONS IC=1mA ;RBE=; IC=10A ;IE=0 IE=10A;IC=0 IC=500mA; IB=50mA IC=500mA; IB=50mA VCB=120V; IE=0 VEB=4V; IC=0 IC=100mA ; VCE=5V IC=10mA ; VCE=5V IE=0 ; VCB=10V f=1MHz IC=50mA ; VCE=10V 100 90 MIN 160 180 6 SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 Cob fT
2SC3902
TYP.
MAX
UNIT V V V
0.45 1.2 0.1 0.1 400
V V A A
14 120
pF MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=0.7A; IB1=-IB2=0.07A VCC=100V ,RL=14.3C 0.04 1.2 0.08 s s s
hFE-1 Classifications R 100-200 S 140-280 T 200-400
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3902
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3902
4


▲Up To Search▲   

 
Price & Availability of 2SC3902

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X