Part Number Hot Search : 
107H30 36510 D27512 IRHG7110 TDA5250 MC332 MC3456 11014
Product Description
Full Text Search
 

To Download 2SC3752 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3752
DESCRIPTION With TO-220F package High breakdown voltage and high reliability. Fast switching speed. Wide ASO(Safe Operating Area) APPLICATIONS 800V/3A switching regulator applications
PINNING PIN 1 2 3 Base Collector Fig.1 simplified outline (TO-220F) and symbol Emitter DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg

PARAMETER
Collector-base voltage
INC
Collector-emitter voltage
Emitter-base voltage
E SEM ANG H
Open base
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE 1100 800 7 3 10 1.5
UNIT V V V A A A W ae ae
Open collector
Collector current Collector current-peak Base current Collector dissipation Junction temperature Storage temperature TC=25ae
30 150 -55~150
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=5mA ;RBE= IC=1mA ;IE=0 IE=1mA ;IC=0 IC=1.5A; IB=0.3A IC=1.5A ;IB=0.3A VCB=800V; IE=0 VEB=5V; IC=0 IC=0.2A ; VCE=5V IC=1A ; VCE=5V 10 8 MIN 800 1100 7 TYP.
2SC3752
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT COB
MAX
UNIT V V V
2.0 1.5 10 10 40 |I |I
V V A A
IN
Transition frequency
Collector output capacitance

Switching times ton tstg tf
Turn-on time
ANG CH
MIC E SE
f=1MHz;VCB=10V
IC=0.2A ; VCE=10V
OND
TOR UC
15 60 0.5
MHz pF
|I |I |I
s s s
Storage time Fall time
IC=2.0A; IB1=0.4A;IB2=-0.8A VCC=400V ,RL=200|
3.0 0.3
hFE-1 Classifications K 10-20 L 15-30 M 20-40
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3752

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3752

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SC3752

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X