Part Number Hot Search : 
CAT1021 CZD2983 W10N100 A53CW U8000 M5837 L2TVS60A 2812D
Product Description
Full Text Search
 

To Download 2SC3750 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3750
DESCRIPTION With TO-220F package High breakdown voltage and high reliability. Fast switching speed. Wide area of safe operation APPLICATIONS 500V/5A switching regulator applications
PINNING PIN 1 2 3 Base Collector Fig.1 simplified outline (TO-220F) and symbol Emitter DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg

PARAMETER
CHA IN
Collector current Base current Collector dissipation
Collector-base voltage
Collector-emitter voltage
E SEM NG
Open emitter Open base Open collector
CONDITIONS
OND IC
TOR UC
VALUE 800 500 7 5 10 2
UNIT V V V A A A W ae ae
Emitter-base voltage
Collector current-peak
TC=25ae
30 150 -55~150
Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=5mA ;RBE= IC=1mA ;IE=0 IE=1mA ;IC=0 IC=3A; IB=0.6A IC=3A; IB=0.6A VCB=500V; IE=0 VEB=5V; IC=0 IC=0.6A ; VCE=5V IC=3A ; VCE=5V 15 8 MIN 500 800 7
2SC3750
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V V V
1.0 1.5 10 10 50 |I |I
V V A A
IN
Transition frequency
Collector output capacitance

Switching times ton tstg tf
Turn-on time
ANG CH
MIC E SE
f=1MHz;VCB=10V
IC=0.6A ; VCE=10V
OND
TOR UC
18 80 0.5
MHz pF
|I |I |I
s s s
Storage time Fall time
IC=4A; IB1=0.8A;IB2=-1.6A VCC=200V ,RL=50|
3.0 0.3
hFE-1 Classifications L 15-30 M 20-40 N 30-50
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3750

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3750

CHA IN
E SEM NG
OND IC
TOR UC
4


▲Up To Search▲   

 
Price & Availability of 2SC3750

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X