Part Number Hot Search : 
PE25FG BU806FI HT932002 39QCL 1N524 1N4976A XC6118N 01800
Product Description
Full Text Search
 

To Download 2SC3725 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3725
DESCRIPTION *With TO-3PN package *High voltage ,high speed switching *High reliability APPLICATIONS *Switching regulators *Ultrasonic generators *High frequency inverters *General purpose power amplifiers
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 450 400 10 15 5 80 150 -55~150 UNIT V V V A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance junction case MAX 1.56 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3725
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=10mA ; IB=0 IC=1mA ; IE=0 IE=1mA ; IC=0 IC=6A ;IB=1.2A IC=6A ;IB=1.2A VCB=450V; IE=0 VEB=10V; IC=0 IC=6A ; VCE=5V 10 MIN 400 450 10 0.8 1.2 100 100 TYP. MAX UNIT V V V V V A A
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE
Switching times ton ts tf Turn-on time Storage time Fall time IC=6A; IB1=2A IB2=-4A; RL=15B 1.0 2.5 0.5 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3725
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3725

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X