Part Number Hot Search : 
STT818A 3420E XC2239M CPC1977 3076E 74279 2E103J 2SD60
Product Description
Full Text Search
 

To Download 2SC3211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-3PFa package *High VCBO *Low collector saturation voltage APPLICATIONS *For high speed switching applications PINNING(see Fig.2)
PIN 1 2 3 Base Collector Emitter DESCRIPTION
2SC3211
ABSOLUTE MAXIMUM RATINGS(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICP IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current TC=25 PC Collector power dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 3 150 -55~150 Open emitter Open base Open collector CONDITIONS VALUE 800 500 8 5 10 3 70 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=0.2A ;L=25mH IC=3A; IB=0.6A IC=3A; IB=0.6A VCB=800V; IE=0 VEB=5V; IC=0 IC=0.1A ; VCE=5V IC=3A ; VCE=5V IC=0.5A ; VCE=10V 15 8 MIN 500
2SC3211
SYMBOL VCEO(SUS) VCE(sat) VBE(sat) ICBO IEBO hFE-1 hFE-2 fT
TYP.
MAX
UNIT V
1.0 1.5 0.1 0.1
V V mA mA
3
MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=3A; IB1=-IB2=0.6A VCC=200V 1.0 3.0 1.0 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3211
Fig.2 outline dimensions (unindicated tolerance:0.3mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X