Part Number Hot Search : 
CHV37H36 PP2380 CHV37H12 BAV73 CHV37H16 CHV37H56 CHV37H48 CHV37H44
Product Description
Full Text Search
 

To Download 2SC3210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3210
DESCRIPTION *With TO-3PFa package *Low collector saturation voltage *High breakdown voltage APPLICATIONS *For high speed switching applications
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current TC=25 PC Collector power dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 3 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 500 400 7 10 20 5 100 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3210
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=0.2A;L=25mH IC=5A ;IB=1A IC=5A ;IB=1A VCB=500V; IE=0 VEB=5V; IC=0 IC=0.1A ; VCE=5V IC=5A ; VCE=5V IC=0.5A ; VCE=10V 15 8 11 MHz MIN 400 1.0 1.5 100 100 TYP. MAX UNIT V V V A A
SYMBOL VCEO(SUS) VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT
Switching times ton tstg tf Turn-on time Storage time Fall time IC=5A; VCC=100V IB1=-IB2=1A 1.0 2.5 1.0 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3210
Fig.2 Outline dimensions (unindicated tolerance:0.30mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC3210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X