Part Number Hot Search : 
MTM8N20 5GR15S DD2521S FR307 402C2293 FU024 N74AC SA2111C
Product Description
Full Text Search
 

To Download 2SC2706 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2706
DESCRIPTION *With TO-3P(I) package *High power dissipation APPLICATIONS *For audio power amplifier and general purpose applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3P(I)) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 140 140 5 10 2 100 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=25mA ,IB=0 IE=1mA ,IC=0 IC=5A; IB=0.5A VCB=140V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=5A ; VCE=5V IC=1A ; VCE=5V 55 35 MIN 140 5
2SC2706
SYMBOL V(BR)CEO V(BR)EBO VCEsat ICBO IEBO hFE-1 hFE-2 fT
TYP.
MAX
UNIT V V
2.0 10 10 160
V A A
90
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2706
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SC2706

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X