Part Number Hot Search : 
2108A 8002A D100N BRF63086 PT2260 74CBT KIA7812A CS51221
Product Description
Full Text Search
 

To Download 2SC2590 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-126 package *Complement to type 2SA1110 *Excellent current IC characteristics of forward current transfer ratio hFE vs. collector *High transition frequency fT *Optimum for the driver stage of a 40 W to 60 W output amplifier APPLICATIONS *For low-frequency power amplification PINNING
PIN 1 2 3 Emitter Collector;connected to mounting base Base DESCRIPTION
2SC2590
ABSOLUTE MAXIMUM RATINGS(TC=25 )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 120 120 5 0.5 1.0 1.2* 150 -55~150 UNIT V V V A A W
Note) *: Without heat sink
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage DC current gain DC current gain Output capacitance Transition frequency CONDITIONS IC=100A;IB=0 IE=10A ;IC=0 IC=0.3A ;IB=30mA IC=0.3A ;IB=30mA IC=150mA ; VCE=10V IC=0.5A ; VCE=5V IE=0 ; VCB=10V;f=1MHz IC=50mA ; VCB=10V,f=200MHz 90 65 MIN 120 5
2SC2590
SYMBOL V(BR)CEO V(BR)EBO VCE(sat) VBE(sat) hFE-1 hFE-2 COB fT
TYP.
MAX
UNIT V V
1.0 1.2 220 100 20 200
V V
pF MHz
hFE-1 Classifications Q 90-155 R 130-220
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2590
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2590
4


▲Up To Search▲   

 
Price & Availability of 2SC2590

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X