![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SavantIC Semiconductor Product Specification Silicon PNP Power Transistors 2SB993 DESCRIPTION *With TO-220 package *Low collector saturation voltage *Large current capacity APPLICATIONS *Suitable for relay drivers,high-speed Inverters,converters,and other general large-current switching applications PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol DESCRIPTION Absolute maximum ratings(Ta=25 ) SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -70 -50 -7 -7 -10 40 150 -55~150 UNIT V V V A A W SavantIC Semiconductor Product Specification Silicon PNP Power Transistors CHARACTERISTICS Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=-1mA ,RBE=8 IC=-1mA ,IE=0 IE=-1mA ,IC=0 IC=-4A; IB=-0.4A VCB=-50V; IE=0 VEB=-4V; IC=0 IC=-1A ; VCE=-1V IC=-4A ; VCE=-1V IC=-1A ; VCE=-5V 70 30 10 MIN -50 -70 -7 2SB993 SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat ICBO IEBO hFE-1 hFE-2 fT TYP. MAX UNIT V V V -0.4 -10 -10 240 V A A MHz 2 SavantIC Semiconductor Product Specification Silicon PNP Power Transistors PACKAGE OUTLINE 2SB993 Fig.2 Outline dimensions(unindicated tolerance:0.10 mm) 3 |
Price & Availability of 2SB993
![]() |