Part Number Hot Search : 
24LC174 HER801 72HF160M CINT1275 NTE624 500011V IRFF9110 LMA246
Product Description
Full Text Search
 

To Download 2SB765K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB765K
DESCRIPTION *With TO-220C package *DARLINGTON *High DC current gain *Complement to type 2SD864K APPLICATIONS *For medium speed and power switching Applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Tc=25 )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -120 -120 -7 -3 -6 30 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current DC current gain CONDITIONS IC=-25mA, RBE=? IE=-50mA ,IC=0 IC=-1.5A ,IB=-3mA IC=-3A ,IB=-30mA IC=-1.5A ,IB=-3mA IC=-3A ,IB=-30mA VCB=-120V, IE=0 VCE=-100V; RBE=? IC=-1.5A ; VCE=-3V 1000 MIN -120 -7
2SB765K
SYMBOL V(BR)CEO V(BR)EBO VCEsat-1 VCEsat-2 VBEsat-1 VBEsat-2 ICBO ICEO hFE
TYP.
MAX
UNIT V V
-1.5 -3.0 -2.0 -3.5 -100 -10 20000
V V V V A A
Switching times ton tstg tf Turn-on time Storage time Fall time IC=-1.5A ;IB1=-IB2=-3mA 0.8 3.0 1.5 s s s
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB765K
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB765K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X