Part Number Hot Search : 
TIP12 SMC200C WP57EYW EPS13D2 2N688A GSIB840 CR1500SB TIP12
Product Description
Full Text Search
 

To Download 2SB539 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB539
DESCRIPTION *With TO-3 package *High power dissipation APPLICATIONS *Power amplifier applications *Recommended for high-power high-fidelity audio frequency amplifier output stage
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC IE PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Emitter current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -130 -130 -5 -10 10 100 150 -65~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=-30mA ;IB=0 IE=-1mA ;IC=0 IC=-6A; IB=-0.6A IC=-6A ; VCE=-5V VCB=-130V; IE=0 VEB=-5V; IC=0 IC=-2A ; VCE=-5V IC=-1A ; VCE=-5V 40 8 MIN -130 -5
2SB539
SYMBOL V(BR)CEO V(BR)EBO VCEsat VBE ICBO IEBO hFE fT
TYP.
MAX
UNIT V V
-3.0 -2.5 -0.1 -0.1 200
V V mA mA
MHz
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB539
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB539

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X