Part Number Hot Search : 
MDD4N20Y CH2NDN 04M5T MP3501W IPS031S 20M10 DW1T1 N0930A
Product Description
Full Text Search
 

To Download 2SB1507 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1507
DESCRIPTION *With TO-3PML package *Low collector saturation voltage *Complement to type 2SD2280 *Wide area of safe operation APPLICATIONS *For use in relay drivers ,high-speed Inverters,converters
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-3PML) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 40 150 -55~150 CONDITIONS Open emitter Open base Open collector MAX -60 -50 -6 -7 -20 3.0 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=-1mA ;RBE== IC=-1mA ;IE=0 IE=-1mA ;IC=0 IC=-4A ;IB=-0.4A VCB=-40V; IE=0 VEB=-4V; IC=0 IC=-1A ; VCE=-2V IC=-5A ; VCE=-2V IC=-1A ; VCE=-5V 70 30 MIN -50 -60 -6 SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat ICBO IEBO hFE-1 hFE-2 fT
2SB1507
TYP.
MAX
UNIT V V V
-0.4 -100 -100 280
V A A
10
MHz
Switching times ton tstg tf Turn-on time Storage time Fall time IC=-2A; IB1=-IB2=-0.2A RL=10B;VCCC20V 0.2 0.7 0.1 s s s
hFE-1 Classifications Q 70-140 R 100-200 S 140-280
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1507
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1507

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X