Part Number Hot Search : 
18N65 WGP15G65 47M35 W39NC60 TA75902F SC441A 0120S A3030
Product Description
Full Text Search
 

To Download 2SB1481 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
2SB1481
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= -100V(Min) *High DC Current Gain: hFE= 2000(Min)@ (VCE= -2V, IC= -1.5A) *Low Collector Saturation Voltage: VCE(sat)= -1.5V(Max)@ (IC= -3A, IB= -6mA) *Complement to Type 2SD2241
B
APPLICATIONS *High power switching applications. *Hammer drive, pulse motor drive applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-Base Voltage
Collector-Emitter Voltage Emitter-Base Voltage
w w
scs .i w
VALUE -100 V -100 -5 V V -4 -6 -0.3 2 W 25 150 -55~150 A A A
UNIT
.cn mi e
Collector Current-Continuous Collector Current-Pulse Base Current-Continuous Collector Power Dissipation @Ta=25
PC Collector Power Dissipation @TC=25 TJ Tstg Junction Temperature Storage Temperature
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP.
2SB1481
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -10mA; IB= 0
-100
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -3A; IB= -6mA
B
-1.5
V
VBE(sat) ICBO IEBO
Base-Emitter Saturation Voltage
IC= -3A; IB= -6mA
B
-2.0
V A
Collector Cutoff Current
VCB= -100V; IE= 0 VEB= -5V; IC= 0
-2.0
Emitter Cutoff Current
-2.5
mA
hFE-1
DC Current Gain
IC= -1.5A; VCE= -2V
hFE-2
DC Current Gain
VECF
C-E Diode Forward Voltage
Switching Times
ton tstg tf
Turn-on Time
Storage Time
ww w
scs .i
IF= 1A
IC= -3A; VCE= -2V
.cn mi e
2000 1000 0.15 0.80 0.40
2.0
V
s s s
IC= -3A, IB1= -IB2= -6mA, VCC -30V; RL= 10
Fall Time
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SB1481

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X