Part Number Hot Search : 
CPC5611 8631ZBD3 70N04 LC5556LD FS8308 QPF7N65C TD62503F 1805517
Product Description
Full Text Search
 

To Download 2SB1273 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1273
DESCRIPTION *With TO-220 package *Low collector saturation voltage APPLICATIONS *Designed for use in low frequency power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -60 -60 -6 -3 -8 30 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency CONDITIONS IC=-5mA ,RBE=: IC=-1mA ,IE=0 IE=-1mA ,IC=0 IC=-2A; IB=-0.2A IC=-0.5A ; VCE=-5V VCB=-40V; IE=0 VEB=-4V; IC=0 IC=-0.5A ; VCE=-5V IC=-3A ; VCE=-5V IE=0 ; VCB=-10V,f=1MHz IC=-0.5A ; VCE=-5V 70 20 MIN -60 -60 -6
2SB1273
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 COB fT
TYP.
MAX
UNIT V V V
-0.4 -0.8
-1.0 -1.0 -100 -100 280
V V A A
60 100
pF MHz
hFE-1 Classifications Q 70-140 R 100-200 S 140-280
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1273
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1273

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X