Part Number Hot Search : 
2SK1304 LTC691 B0515 SB1250TL B2405L 2SD14 S1616 MPSA05
Product Description
Full Text Search
 

To Download 2SB1255 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
2SB1255
DESCRIPTION *With TO-3PFa package *Optimum for 90W Hi-Fi output *High foward current transfer ratio hFE *Low collector-emitter saturation voltage *Complement to type 2SD1895 APPLICATIONS *Power amplification
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICP PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak TC=25 PC Collector power dissipation 3 Tj Tstg Junction temperature Storage temperature 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE -160 -140 -8 -15 -12 100 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
2SB1255
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=-30mA ; IB=0 IC=-7A ;IB=-7mA IC=-7A ;IB=-7mA VCB=-160V; IE=0 VCE=-140V; IB=0 VEB=-5V; IC=0 IC=-1A ; VCE=-5V IC=-7A ; VCE=-5V IC=0.5A ; VCE=-10V;f=1MHz 2000 5000 20 30000 MHz MIN -140 -2.5 -3.0 -100 -100 -100 TYP. MAX UNIT V V V A A A SYMBOL VCEO VCEsat VBEsat ICBO ICEO IEBO hFE-1 hFE -2 fT
Switching times ton tstg tf Turn-on time Storage time Fall time IC=-7A; VCC=-50V IB1=-IB2=-7mA 1.0 1.5 1.2 s s s
hFE-2 classifications Q 5000-15000 P 8000-30000
2
SavantIC Semiconductor
Product Specification
Silicon PNP Darlington Power Transistors
PACKAGE OUTLINE
2SB1255
Fig.2 Outline dimensions (unindicated tolerance:0.30mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1255

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X