Part Number Hot Search : 
2SC5004 USFF1206 AC03D 0A015 20N03L 0FB100K 3266Y105 SBM37PT
Product Description
Full Text Search
 

To Download 2SB1254 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1254
DESCRIPTION *With TO-3PFa package *Optimum for 60W HiFi output *High foward current transfer ratio *Low collector saturation voltage *Complement to type 2SD1894 APPLICATIONS *Power amplification
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICP PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak TC=25 PC Collector power dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 3 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE -160 -140 -5 -7 -12 70 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=-30mA ; IB=0 IC=-6A ;IB=-6mA IC=-6A ;IB=-6mA VCB=-160V; IE=0 VCE=-140V; IB=0 VEB=-5V; IC=0 IC=-1A ; VCE=-5V IC=-6A ; VCE=-5V IC=-0.5A ; VCE=-10V;f=1MHz 2000 5000 MIN -140
2SB1254
SYMBOL VCEO VCEsat VBEsat ICBO ICEO IEBO hFE-1 hFE -2 fT
TYP.
MAX
UNIT V
-2.5 -3.0 -100 -100 -100
V V A A A
30000 20 MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=-6A; VCC=50V IB1=-IB2=-6mA 1.0 1.5 1.2 s s s
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1254
Fig.2 Outline dimensions (unindicated tolerance:0.30mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1254

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X