Part Number Hot Search : 
74AVC C9S12 FRX05 S8430 B8806 SMDA24 GT60N32 FR100
Product Description
Full Text Search
 

To Download 2SB1105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1105
DESCRIPTION *With TO-220C package *DARLINGTON *High DC durrent gain *Complement to type 2SD1605 APPLICATIONS *Designed for use in low frequency power amplifier applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Tc=25 )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current-DC Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE -120 -120 -7 -3 30 150 -55~150 UNIT V V V A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current DC current gain Diode forward voltage CONDITIONS IC=-25mA, RBE=< IE=-50mA, IC=0 IC=-1.5A ,IB=-3mA IC=-3A ,IB=-30mA IC=-1.5A ,IB=-3mA IC=-3A ,IB=-30mA VCB=-120V, IE=0 VCE=-100V, RBE=< IC=-1.5A ; VCE=-3V ID=-3A 1000 MIN -120 -7
2SB1105
SYMBOL V(BR)CEO V(BR)EBO VCEsat-1 VCEsat-2 VBEsat-1 VBEsat-2 ICBO ICEO hFE VD
TYP.
MAX
UNIT V V
-1.5 -3.0 -2.0 -3.5 -100 -10
V V V V A A
3.0
V
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1105
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X