Part Number Hot Search : 
XR19L400 MFP100 GI1403 TNPVE3 SMAJ40 IRLML ESD05 FTSO4354
Product Description
Full Text Search
 

To Download 2SB1065 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1065
DESCRIPTION *With TO-126 package *Complement to type 2SD1506 *Low collector saturation voltage APPLICATIONS *For use in low frequency power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PD Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -60 -50 -5 -3 -4.5 10 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=-1mA ,IB=0 IC=-50A ,IE=0 IE=-50A ,IC=0 IC=-2A; IB=-0.2A IC=-2A; IB=-0.2A VCB=-40V; IE=0 VEB=-4V; IC=0 IC=-0.5A ; VCE=-3V IE=0 ; VCB=-10V,f=1MHz IC=-0.5A ; VCE=-5V 56 MIN -50 -60 -5
2SB1065
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE COB fT
TYP.
MAX
UNIT V V V
-1.0 -1.5 -1.0 -1.0 390 50 70
V V A A
pF MHz
hFE Classifications N 56-120 P 82-180 Q 120-270 R 180-390
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1065
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1065

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X