Part Number Hot Search : 
SMM20P10 TQ150 151M2 W83782D M62417SP AD831APZ 2N5886G SIE820DF
Product Description
Full Text Search
 

To Download 2SB1052 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1052
DESCRIPTION *With TO-220Fa package *Complement to type 2SD1480 *Low collector saturation voltage APPLICATIONS *For power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Base
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector -emitter voltage Emitter-base voltage Collector current Collector current-peak Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 25 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE -60 -60 -6 -2 -4 2.0 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=-30mA; IB=0 IC=-2A ;IB=-0.2A IC=-1A ; VCE=-4V VCE=-60V; VBE=0 VCE=-30V; IB=0 VEB=-6V; IC=0 IC=-0.1A ; VCE=-4V IC=-1A ; VCE=-4V 35 40 MIN -60
2SB1052
SYMBOL V(BR)CEO VCEsat VBE ICES ICEO IEBO hFE-1 hFE-2
TYP.
MAX
UNIT V
-2.0 -1.2 -0.2 -0.3 -1.0
V V mA mA mA
250
Switching times ton tstg tf Turn-on time Storage time Fall time IC=-1A ;IB1=-IB2=-0.1A 0.1 1.5 0.3 s s s
hFE-2 Classifications R 40-90 Q 70-150 P 120-250
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1052
Fig.2 Outline dimensions (unindicated tolerance: 0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1052

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X