Part Number Hot Search : 
74121 EN2575E PTD3216 AX101 DCJ010 ECCM1 4AK22 KK555D
Product Description
Full Text Search
 

To Download 2SB1009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1009
DESCRIPTION With TO-126 package Complement to type 2SD1380 APPLICATIONS For use in low frequency power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC

PARAMETER
CONDITIONS Open emitter
Collector-base voltage
HAN INC
Collector-emitter voltage Emitter-base voltage Collector current (DC) Total power dissipation Junction temperature Storage temperature
SEM GE
Open base Ta=25ae
OND IC
TOR UC
VALUE -40 -32 -5 -2 0.1
UNIT V V V A
Open collector
PD
W TC=25ae 10 150 -55~150 ae ae
Tj Tstg
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
2SB1009
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-10mA ;IB=0
-32
V
VCEsat
Collector-emitter saturation voltage
IC=-2.0A; IB=-0.2A
-0.8
V
VBEsat
Base-emitter saturation voltage
IC=-2.0A ;IB=-0.2A
-2.0
V
ICBO
Collector cut-off current
VCB=-20V; IE=0
-1
|I
A
IEBO
Emitter cut-off current
VEB=-3V; IC=0
-1
|I
A
hFE-1
DC current gain
IC=-20mA ; VCE=-5V
40
hFE-2
DC current gain
fT
Transition frequency

IC=-500mA ; VCE=-5V
82
390
IC=-500mA ; VCE=-5V
COB
Collector output capacitance
HAN INC
SEM GE
f=1MHz ; VCB=-10V
OND IC
TOR UC
100 50
MHz
pF
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1009
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X