Part Number Hot Search : 
TDA16 A6595KLW BD678AS BB85ZB1 SBT2222A 2SC3923 FW261 B2351
Product Description
Full Text Search
 

To Download 2SA1492 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1492
DESCRIPTION *With TO-3PN package *Complement to type 2SC3856 APPLICATIONS *Audio and general purpose
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -180 -180 -6 -15 -4 130 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=-50mA ;IB=0 IC=-5A; IB=-0.5A VCB=-180V; IE=0 VEB=-6V; IC=0 IC=-3A ; VCE=-4V IE=0 ; VCB=10V,f=1MHz IC=-0.5A ; VCE=-12V 50 MIN -180
2SA1492
SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE COB fT
TYP.
MAX
UNIT V
-2.0 -100 -100 180 500 20
V A A
pF MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=-10A;RL=4B IB1=- IB2=-1A VCC=40V 0.60 0.90 0.20 s s s
hFE Classifications O 50-100 P 70-140 Y 90-180
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1492
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1492
4


▲Up To Search▲   

 
Price & Availability of 2SA1492

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X