Part Number Hot Search : 
CX2016SA AT1604CI X2864BP 0805H124 PC150 HA928 MIC25 10400
Product Description
Full Text Search
 

To Download 2SA1469 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION *With TO-220F package *Complement to type 2SC3746 *Low saturation voltage *Excellent current dependence of hFE *Short switching time APPLICATIONS *Various inductance of lamp drivers for electrical equipment *Inverters ,converters *Power amplification *Switching regulator ,driver
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
2SA1469
Fig.1 simplified outline (TO-220F) and symbol
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 20 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE -80 -60 -5 -5 -7 2 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=-1mA ;RBE== IC=-10mA ;IE=0 IE=-10mA ;IC=0 IC=-2.5A IB=-0.125A VCB=-40V IE=0 VEB=-4V; IC=0 IC=-1A ; VCE=-2V IC=-1A ; VCE=-5V 70 MIN -60 -80 -5
2SA1469
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat ICBO IEBO hFE fT
TYP.
MAX
UNIT V V V
-0.4 -0.1 -0.1 280 100
V mA mA
MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=-2.0A;IB1=-IB2=-0.1A VCC=20V ,RL=10C 0.1 0.5 0.1 s s s
hFE Classifications Q 70-140 R 100-200 S 140-280
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1469
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1469
4


▲Up To Search▲   

 
Price & Availability of 2SA1469

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X