Part Number Hot Search : 
FS70H 2SD1903 ML614 MSM6650 81M35 L9935 6KE15C 2SC711
Product Description
Full Text Search
 

To Download 2SA1108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1108
DESCRIPTION *With MT-200 package *High power dissipation APPLICATIONS *For power amplifier applications
PINNING(see Fig.2) PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (MT-200) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -130 -130 -5 -12 -1.2 120 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=-25mA ; IB=0 IE=-1mA ; IC=0 IC=-5A ;IB=-0.5A IC=-5A ; VCE=-5V VCB=-130V; IE=0 VEB=-5V; IC=0 IC=-2A ; VCE=-5V IC=-5A ; VCE=-5V IC=-1A ; VCE=-10V 55 35 60 MIN -130 -5
2SA1108
SYMBOL V(BR)CEO V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT
TYP.
MAX
UNIT V V
-2.0 -2.0 -5 -5 160
V V A A
MHz
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1108
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SA1108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X