Part Number Hot Search : 
GK18P 110F1 1N5400 AD736AQZ FSA859 NTE933 7V5BCA W25X40AL
Product Description
Full Text Search
 

To Download 2N7002E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N7002E
Vishay Siliconix
N-Channel 60-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
60
rDS(on) (W)
3 @ VGS = 10 V
ID (mA)
240
FEATURES
D D D D D Low On-Resistance: 3 W Low Threshold: 2 V (typ) Low Input Capacitance: 25 pF Fast Switching Speed: 7.5 ns Low Input and Output Leakage
BENEFITS
D D D D D Low Offset Voltage Low-Voltage Operation Easily Driven Without Buffer High-Speed Circuits Low Error Voltage
APPLICATIONS
D Direct Logic-Level Interface: TTL/CMOS D Drivers: Relays, Solenoids, Lamps, Hammers, Display, Memories, Transistors, etc. D Battery Operated Systems D Solid-State Relays
TO-236 (SOT-23)
Marking Code: 7Ewl G 1 3 S 2 D E = Part Number Code for 2N7002E w = Week Code l = Lot Traceability
Top View Ordering Information: 2N7002E-T1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C) Pulsed Drain Currenta Power Dissipation Thermal Resistance, Junction-to-Ambient Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS ID IDM PD RthJA TJ, Tstg
Limit
60 "20 240 190 1300 0.35 0.22 357 -55 to 150
Unit
V
mA
W _C/W _C
Notes a. Pulse width limited by maximum junction temperature. Document Number: 70860 S-31987--Rev. D, 13-Oct-03 www.vishay.com
1
2N7002E
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Limits Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current V(BR)DSS VGS(th) IGSS IDSS VGS = 0 V, ID = 10 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "15 V VDS = 60 V, VGS = 0 V VDS = 60 V, VGS = 0 V, TC = 125_C VGS = 10 V, VDS = 7.5 V VGS = 4.5 V, VDS = 10 V VGS = 10 V, ID = 250 mA VGS = 4.5 V, ID = 200 mA VDS = 15 V, ID = 200 mA IS = 200 mA, VGS = 0 V 800 500 1300 700 1.2 1.8 600 0.85 1.2 3 4 60 1 68 2 2.5 "10 1 500 V nA mA
Symbol
Test Conditions
Min
Typa
Max
Unit
On-State On State Drain Currentb
ID( ) D(on)
mA
Drain-Source On-Resistance Drain Source On Resistanceb Forward Transconductanceb Diode Forward Voltage
rDS( ) DS(on) gfs VSD
W mS V
Dynamica
Total Gate Charge Gate-Source Charge Gate-Drain Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Qg Qgs Qgd Ciss Coss Crss VDS = 5 V, VGS = 0 V, f = 1 MHz VDS = 10 V, VGS = 4.5 V ID ^ 250 mA 0.4 0.06 0.06 21 7 2.5 pF 0.6 nC
Switchinga, c
Turn-On Time Turn-Off Time ton toff VDD = 10 V, RL = 40 W ID ^ 250 mA VGEN = 10V mA, RG = 10 W 13 18 20 25 ns
Notes a. For DESIGN AID ONLY, not subject to production testing. b. Pulse test: PW v300 ms duty cycle v2%. c. Switching time is essentially independent of operating temperature.
www.vishay.com
2
Document Number: 70860 S-31987--Rev. D, 13-Oct-03
2N7002E
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
1.0
Output Characteristics
5V
1.2
Transfer Characteristics
TJ = -55_C
VGS = 10, 9, 8, 7, 6 V 0.8 ID - Drain Current (A)
0.9 ID - Drain Current (A) 25_C 125_C
0.6
4V
0.6
0.4
0.2 3V 0.0 0 1 2 3 4 5 VDS - Drain-to-Source Voltage (V)
0.3
0.0 0 1 2 3 4 5 6 7 VGS - Gate-to-Source Voltage (V)
4
On-Resistance vs. Gate-Source Voltage
3.5 3.0
On-Resistance vs. Drain Current
rDS(on) - On-Resistance ( )
3 ID @ 250 mA 2 ID @ 75 mA 1
rDS(on) - On-Resistance ( )
2.5 2.0 1.5 1.0 0.5
VGS = 4.5 V
VGS = 10 V
0 0 2 4 6 8 10 VGS - Gate-to-Source Voltage (V) 2.0
0.0 0.0
0.2
0.4
0.6
0.8
1.0
ID - Drain Current (A) 0.4 0.2 ID = 250 mA VGS(th) - Variance (V) -0.0 -0.2 -0.4 -0.6 -0.8 -50
On-Resistance vs. Junction Temperature
VGS = 10 V @ 250 mA
Threshold Voltage Variance Over Temperature
rDS(on) - On-Resistance ( ) (Normalized)
1.6
1.2
VGS = 4.5 V @ 200 mA
0.8
0.4
0.0 -50
-25
0
25
50
75
100
125
150
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
TJ - Junction Temperature (_C)
Document Number: 70860 S-31987--Rev. D, 13-Oct-03
www.vishay.com
3
2N7002E
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
40
Capacitance
1.0 VDS = 30 V ID = 0.25 A
Gate Charge
Ciss C - Capacitance (pF) 24
VGS - Gate-to-Source Voltage (V) 25
32
0.8
0.6
16 Coss 8 Crss 0 0 5 10 15 20
0.4
0.2
0.0 0.0
0.1
0.2
0.3
0.4
0.5
VDS - Drain-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
Source-Drain Diode Forward Voltage
2
1 IS - Source Current (A) TJ = 85_C
25_C
-55_C
0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 VSD - Source-to-Drain Voltage (V)
www.vishay.com
4
Document Number: 70860 S-31987--Rev. D, 13-Oct-03
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 2N7002E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X