Part Number Hot Search : 
PCF80 DS123 HV829ASG 10406 0000T FZ1200 N74HC ZR78L05C
Product Description
Full Text Search
 

To Download 2N7002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
2N7002
DISCRETE SEMICONDUCTORS
TECHNICAL SPECIFICATIONS OF N-CHANNEL SMALL SIGNAL MOSFET
Description
Designed for low voltage and low current applications such as small servo motor control, power MOSFET gate drivers, and other switching applications.
SOT-23
.020(0.50) .012(0.30)
Pinning
1 = Gate 2 = Source 3 = Drain
3 o
Absolute Maximum Ratings(TA=25
Characteristic Drain-Source Voltage Drain-Gate Voltage (RGS=1M) Gate-Source Voltage (Continuous) Drain Current (Continuous, TC=25 C) Drain Current (Pulsed)
(2) o (1)
C)
Rating 60 60 20 115 800 200 1.8 -55 to+150 -55 to+150 260 Unit V V V mA mA mW o mW/ C
o o o
.063(1.60) .055(1.40)
.108(0.65) .089(0.25)
1
2
Symbol VDSS VDGR VGS ID IDM PD TJ TSTG TL
.091(2.30) .067(1.70) .118(3.00) .110(2.80)
.045(1.15) .034(0.85)
Total Power Dissipation o Derate above 25 C Operating Junction Temperature Storage Temperature Maximum Lead Temperature, for 10 Seconds Solding Purpose
.051(1.30) .035(0.90) .026(0.65) .010(0.25)
.0043(0.11) .0035(0.09)
C
C
.004 Max (0.10)
.027(0.67) .013(0.32)
C
Dimensions in inches and (millimeters)
Electrical Characteristics o
Characteristic Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Sourse Forward Leakage Current Gate-Sourse Reverse Leakage Current Gate Threshold Voltage On-State Drain Current
(2) (2) (2)
(Ratings at 25 C ambient temperature unless otherwise specified)
Symbol V(BR)DSS IDSS IGSSF IGSSR VGS(th) ID(on) VDS(on)1 VDS(on)2
(2)
Min 60 1 500 80 -
Typ -
Max 1 100 -100 2.5 0.375 3.75 7.5 7.5 50 25 5 625
Unit V A nA nA V mA V V mS pF pF pF
o
Test Conditions ID=10A, VGS=0 VDS=60V, VGS=0 VGSF=20V, VDS=0 VGSR=-20V, VDS=0 VDS=2.5V, ID=0.25mA VDS>2VDS(on), VGS=10V ID=50mA, VGS=5V ID=500mA, VGS=10V ID=50mA, VGS=5V ID=500mA, VGS=10V VDS>2VDS(on), ID=200mA VDS=25V, VGS=0, f=1MHZ -
Static Drain-Source On-State Voltage
Static Drain-Source On-State Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
(2)
RDS(on)1 RDS(on)2 gFS Ciss Coss Crss RJA
Thermal Resistance, Junction to Ambient
C/W
(1)The Power Dissipation of the package may result in a lower continuous drain current. (2)Pulse Test: Pulse Width 380s, Duty Cycle 2%


▲Up To Search▲   

 
Price & Availability of 2N7002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X