![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1N4741A - 1M200Z Glass Passivated Junction Silicon Zener Diode DO-41 Features Low profile package Built-in strain relief Glass passivated junction Low inductance Typical IR less than 5.0iA above 11V High temperature soldering guaranteed: 260oC / 10 seconds at terminals Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Mechanical Data Case: Molded plastic DO-41 Epoxy: UL 94V-0 rate flame retardant Lead: Pure tin plated lead free,, solderable per MIL-STD-202, Method 2025 Polarity: Color Band denotes cathode end Mounting position : Any Weight: 0.012 ounces, 0.3 gram Dimensions in inches and (millimeters) Maximum Ratings and Electrical Characteristics Rating at 25 oC ambient temperature unless otherwise specified. Type Number Peak Power Dissipation at TA=50oC, Derate above 50oC ( Note 1 ) Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) ( Note 2 ) Symbol PD IFSM Value 1.0 6.67 10.0 150 Units Watts mW/ oC Amps o TJ, TSTG -55 to + Operating and Storage Temperature Rang 1. Mounted on 5.0mm2 (0.013mm thick) land areas. Notes: 2. Measured on 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum. C - 598 - Version: B07 ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted) VF=1.2V max, IF=200mA for all types. Zener Voltage Vz @ Izt Device (Note 1) 1N4741A 1N4742A 1N4743A 1N4744A 1N4745A 1N4746A 1N4747A 1N4748A 1N4749A 1N4750A 1N4751A 1N4752A 1N4753A 1N4754A 1N4755A 1N4756A 1N4757A 1N4758A 1N4759A 1N4760A 1N4761A 1N4762A 1N4763A 1N4764A 1M110Z 1M120Z 1M130Z 1M150Z 1M160Z 1M180Z 1M200Z Notes Nom. (Notes 2&3) Test O Maximum Zener Impedance (Note 4) Surge Current @ Leakage Current IR @ VR uA Max 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Volts 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 83.6 91.2 98.8 114.0 121.6 136.8 152.0 TA = 25 C Ir - mA (Note 5) 414 380 344 304 285 250 225 205 190 170 150 135 125 115 110 95 90 80 70 65 60 55 50 45 O Voltage Min. 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 28.50 31.35 34.20 37.05 40.85 44.65 48.45 53.20 58.90 64.60 71.25 77.90 86.45 95.00 104.5 114.0 123.5 142.5 152.0 171.0 190.0 Max. 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 31.50 34.65 37.80 40.95 45.15 49.35 53.55 58.80 65.10 71.40 78.75 86.10 95.55 105.0 115.5 126.0 136.5 157.5 168.0 189.0 210.0 Current IZT mA 23 21 19 17 15.5 14.0 12.5 11.5 10.5 9.5 8.5 7.5 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 2.8 2.5 2.3 2.0 1.9 1.7 1.6 1.4 1.2 ZZT @ IZT Ohms 8 9 10 14 16 20 22 23 25 35 40 45 50 60 70 80 95 110 125 150 175 200 250 350 450 550 700 1000 1100 1200 1500 ZZK @ IZK Ohms 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 4000 4500 5000 6000 6500 7000 8000 mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 1: Tolerance and Type Number Designation. The type numbers listed have a standard tolerance on the nominal zener voltage of 5%. 2. Specials Available Include: A. Nominal zener voltages between the voltages shown and tighter voltage tolerances. B. Matched sets. 3. Zener Voltage (VZ) Measurement. Guarantees the zener voltage when messured at 90 seconds o while maintaining the lead temperature (TL) at 30 C 1oC, from the diode body. 4. Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an accurrent having and rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. 5. Surge Current (Ir) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability is as described in Figure 10. Version: B07 RATINGS AND CHARACTERISTIC CURVES (1N4741A THRU 1M200Z) FIG.1- POWER TEMPERATURE DERATING CURVE PD, MAXIMUM POWER DISSIPATION (WATTS) FIG.2- TYPICAL FORWARD CHARACTERISTICS 1000 500 IF, FORWARD CURRENT (mA) 1.25 MINIMUM MAXIMUM 1.0 200 100 50 20 10 5.0 2.0 o 0.75 0.50 70 C 150 C 25 C 0C 0.5 0.6 0.7 0.8 0.9 1.0 1.1 o o o 0.25 0 20 40 60 80 100 120 140 o 160 180 200 1.0 0.4 AMBIENT TEMPERATURE( C) VF, FORWARD VOLTAGE (VOLTS) FIG.3- EFFECT OF ZENER CURRENT ON ZENER IMPEDANCE 1000 ZZ, DYNAMIC IMPEDANCE (OHMS) FIG.5- TYPICAL LEAKAGE CURRENT o 500 200 100 50 20 10 5.0 TJ = 25 C IZ(rms)= 0.1 IZ(dc) f = 1KHz 47V 10000 7000 5000 2000 1000 700 500 200 100 70 50 IR, LEAKAGE CURRENT ( A) TYPICAL LEAKAGE CURRENT AT 80% OF NOMINAL BREAKDOWN VOLTAGE 27V 0.8V 2.0 1.0 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 IZ, ZENER CURRENT (mA) 20 10 7.0 5.0 2.0 1.0 0.7 0.5 0.2 FIG.4- EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE ZZ, DYNAMIC IMPEDANCE (OHMS) 1000 700 500 200 100 70 50 20 10 7.0 5.0 2.0 1.0 1.0 2.0 3.0 +125 C o IZ = 1.0mA 5.0mA TJ = 25 C IZ(rms)= 0.1 IZ(dc) f = 1KHz o 0.1 0.07 0.05 0.02 20mA 0.01 0.007 0.005 0.002 0.001 3.0 5.0 7.0 10 20 30 50 70 100 4.0 5.0 6.0 7.0 8.0 9.0 10 11 +25 C o 12 13 14 15 VZ, NOMINAL ZENER VOLTAGE (VOLTS) IZ, ZENER CURRENT (mA) Version: B07 RATINGS AND CHARACTERISTIC CURVES (1N4741A THRU 1M200Z) FIG.6- TYPICAL CAPACITANCE versus Vz 400 300 200 C, CAPACITANCE (pF) FIG.7- TEMPERATURE COEFFICIENTS a-RANGE FOR UNITS TO 12 VOLTS OVZ, TEMPERAYURE COEFFICIENT (mV/oC) +12 +10 +8.0 +6.0 +4.0 +2.0 0 -2.0 -4.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 11 12 VZ, ZENER VOLTAGE (VOLTS) 100 0V BIAS 1.0V BIAS 10 8 4 1.0 RANGE VZ @ IZT 50% OF BREAKDOWN BIAS 10 VZ, FORWARD VOLTAGE (VOLTS) 100 FIG.7- TEMPERATURE COEFFICIENTS b-RANGE FOR UNITS 12 TO 100 VOLTS FIG.8- EFFECT OF ZENER CURRENT OVZ, TEMPERAYURE COEFFICIENT (mV/oC) OVZ, TEMPERAYURE COEFFICIENT (mV/oC) 100 70 50 30 20 10 7.0 5.0 3.0 2.0 1.0 10 20 30 50 70 100 VZ, ZENER VOLTAGE (VOLTS) +6.0 +4.0 VZ @ IZT o TA25 C +2.0 RANGE VZ @ IZT 20mA 0 0.01mA 1.0mA NOTE: BELOW 3 VOLTS AND ABOVE a VOLTS CHANGES IN ZENER CURRENT OO NOT AFFECT TEMPERATURE COEFFICIENTS -2.0 -4.0 3.0 4.0 5.0 6.0 7.0 8.0 VZ, ZENER VOLTAGE (VOLTS) 175 OJL, JUNCTION TO LEAD THERMAL RESISTANCE (oC/W) FIG.9- TYPICAL THERMAL RESISTANCE versus LEAD LENGTH 150 125 100 75 50 25 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 L, LEAD LENGTH TO HEAT SINK (INCHES) Version: B07 RATINGS AND CHARACTERISTIC CURVES (1N4741A THRU 1M200Z) FIG.10- MAXIMUM SURGE POWER Ppk, PEAK SURGE POWER IWATTSO 100 70 50 30 20 10 7.0 5.0 3.0 2.0 1.0 0.01 10% DUTY CYCLE 20% DUTY CYCLE RECTANGULAR WAVEFORM o TJ = 25 C PRIOR TO INITIAL PULSE 5% DUTY CYCLE 11V-91V NON-REPETITIVE 0.8V-10V NON-REPETITIVE 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 500 1000 PW, PULSE WIDTH (ms) Version: B07 |
Price & Availability of 1N4741A1
![]() |