Part Number Hot Search : 
UPD37 LTC372 S2113 LR111610 G101MEL ESD3V 65110 BAP55LX
Product Description
Full Text Search
 

To Download 16270494402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Blade Fuses TF ATO(R) Style Blade Fuse Rated 90V
Specifications
Insulating body: Cover: Connections: Test cable: Packaging unit:
Blade Fuses
Out of thermoplastic (UL 94-V0, heat-resistant) Out of thermoplastic V0 (heat-resistant) Visible melting element Blade contacts Copper alloy, gal. Sn Edge-protected 4 mm 2,000 pieces
Pre-arcing Time - limits / Schmelzzeit-Grenzwerte DIN
The TF is an ATO style blade fuse rated at 90V, featuring a three part construction with copper contacts for excellent reliability in harsh environment conditions and low voltage drop. Current ratings 4A thru 15A. With see-trough cover for easy detection of blown fuses. TF ist eine ATO-Flachstecksicherung mit 90V Nennspannung. Merkamale sind dreiteiliger Aufbau mit Kupferkontakten, niedriger Spannungsabfall und hohe Zuverlassigkeit unter rauen Umgebungsbedingungen. Nennstrom 4A bis 15A, transparente Abdeckung zur leichten Erkennung durchgebrannter Sicherungen.
Dimensions in mm / Mae in mm
Time-Current Characteristics / Schmelzzeit-Grenzwerte
% of Rating % des Nennstromes
110 200 300 500
Opening Time Min / Max (s) Schmelzcharakteristik Min / Max (s)
4h/- 4h/- - / 300 s -/- - / 10 s - / 10 s 200 ms / - 200 ms / -
Part Number Artikel-Nr.
162.7049.4402 162.7049.4802 162.7049.5102 162.7049.5152
Current Rating Nennstrom
4A 8A 10 A 15 A
Housing Color Kennfarbe
Typ. Voltage Drop Typ. Spannungsfall
115 mV 80 mV 70 mV 65 mV
Cold Resistance Kaltwiderstand
19.4 7.50 6.10 3.50
I t
> 100 As > 300 As > 580 As > 1,700 As
Remark: TF-fuse links are back-up fuse links, see minimum fault current. Corresponding holder see Section "Fuse Holders."
0
www.littelfuse.com
(c) 2006 Littelfuse * Automotive Circuit Protection Products


▲Up To Search▲   

 
Price & Availability of 16270494402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X