|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT RESISTORS CAPACITORS COILS DELAY LINES 100 SERIES RoHS Term.W is RoHS compliant & 260C compatible World's widest range of axial lead WW resistors! 0.005 to 2M, tolerances to 0.005%, 1/2W to 50W, numerous design options Low cost! Available on exclusive SWIFTTM delivery program OPTIONS Option X: Low Inductance Option P: Increased Pulse Capability Option F: Flameproof Coating Option ER: 100-Hour Burn-In Option B: Increased Power Radial leads (opt.R), low thermal emf (opt.E), matched sets, special marking, cut &formed leads, hi-rel screening, non-standard values, high voltage, etc. Customized components are RCD's speciality! DERATING (derate W/V/A ratings when ambient temp. exceeds 25C): Char. U is the max. power for 0.5% typ. load life stability & 275C hotspot, Char. V is max. power for 3% stability & 350C hotspot % RATED POWER Series 100 resistors offer exceptional performance at an economical cost. Superior stability results from welded construction and windings of premium grade resistance wire on thermally conductive ceramic cores. Hi-temp coating provides excellent environmental protection and solvent resistance. Tin (or SnPb) coated copper or copperweld leads offer excellent solderabilty and extended shelf life. PULSE CAPABILITY: Excellent pulse capability results from wirewound construction. The pulse/overload capability can often be economically enhanced by a factor of 50% or more via special Option P processing. Pulse capability is highly dependent on size and resistance value, consult factory (available up to 500 joules). INDUCTANCE: small sizes have inductance of 1- 50uH typ. Larger sizes and higher values typically have greater levels. For non-inductive design, specify Opt. X. The max. series inductance for Opt.X resistors at 0.5MHz is listed in table (per MIL-R-39007). Specialty RCD Type 50 > 50 constructions are available for even lower 102X-140X 0.2H 0.37H inductance levels (Opt.75 inductance = 145X-160X 0.3H 0.6H 50% of Opt.X, Opt.76 = 33% of Opt.X). 165X-178X 0.65H 1.2H 1.375" Min9 Type 102 is 1.1" 100 75 50 25 0 -65 25 50 CHAR. V CHAR. U Tol <0.1% 75 100 125 150 175 200 225 250 275 300 325 AMBIENT TEMPERATURE ( C ) 350 A3 D C2 RCD Type 102 110 115 120 125 130 133 135 140 145 150 155 156 160 165 170 171 172 173 1754 176 178 180 185 186 190 MIL Type5 RW81 (110B) - Std. Wattage Ratings Opt.B Wattage Ratings Char.U Char.V 0.8 1.0 1.5 2.0 1.5 2.0 2.0 2.5 3.0 4.0 4.0 5.0 4.0 5.0 4.5 6.5 5.0 7.0 6.0 8.0 7.0 10 10 12 12 14 15 18 16 20 - Resistance R a n g e 6, 7 .01 - 2K .01 - 8K .01 - 12K .01 - 15K .01 - 20K .01 - 22K .005 - 20K .005 - 40K .005 - 50K .005 - 60K .005 - 60K .005 - 100K .005 - 150K .005 - 200K .005 - 220K .005 - 300K .005 - 250K .005 - 400K .005 - 400K .005 - 500K .005 - 500K .01 - 750K .01 - 800K .015 - 1M .010 - 1M .025 - 2M Stock Stock Stock Stock Char.U Char.V 0.5 0.8 0.8 1.0 1.0 1.2 1.0 1.2 RW70 (125B RW80) 1.5 1.8 1.6 2.0 2.0 3.0 RW69 3.0 4.0 RW79 3.0 4.0 3.5 4.5 3.5 4.5 4.0 5.0 5.0 6.0 RW74 5.0 7.0 RW67 6.0 7.5 7.0 9.0 7.0 8.5 8.5 10 9.0 11 RW68, 78 10 13 10 12 13 15 RW56 14 16 20 25 25 30 40 50 DIMENSIONS [Numbers in Maximum Voltage C2 A3 Rating 1,6 .062 [1.58] .032 [.81] 30V .16 .03 [4..8] .07.02[1.8.5] 40V .24 .03 [6..8] .085 [2.16] 45V .312 [7.92] .085 [2.16] 50V .344 [8.74] .093 [2.36] 55V .406 [10.3] .093 [2.36] 65V .530 [13.5] .093 [2.36] 80V .355 [9.00] .156 [3.96] 140V .500 [12.7] .188 [4.78] 140V .550 [14.2] .188 [4.78] 180V .770 [19.6] .188 [4.78] 150V .500 [12.7] .225 [5.72] 210V .625 [15.9] .225 [5.72] 300V .800 [20.3] .250 [6.35] 400V .875 [22.2] .312 [7.92] 450V 1.000 [25.4] .312 [7.92] 550V 1.200 [30.9] .312 [7.92] 700V 1.660 [42.2] .208 [5.28] 900V 2.100 [53.3] .225 [5.72] 650V 1.550 [39.4] .300 [7.62] 900V 1.7204 [43.7] .3504 [8.89] 800V 1.875 [47.6] .300 [7.62] 1150V 2.410 [61.2] .350 [8.89] 1000V 2.100 [53.3] .500 [12.7] 1350V 2.800 [71.1] .500 [12.7] 1400V 4.060 [103] .350 [8.89] 1500V 5.000 [127] .500 [12.7] brackets are mm] D8 .003 [.08] Std. .020 .020 .020 .020 .020 .020 .032 .032 .032 .032 .040 .040 .040 .040 .040 .040 .032 .032 .040 .040 .040 .040 .040 .040 .040 .040 Optional .024 (opt. 22) .024 (opt. 22) .024 (opt. 22) .024 (opt. 22) .024 (opt. 22) .024 (opt. 22) .024(22), .040(18) .040 (opt. 18) .040 (opt. 18) .032 (opt. 20) .032 (opt. 20) .032 (opt. 20) .032 (opt. 20) .032 (opt. 20) .032 (opt. 20) .040 (opt. 18) .040 (opt. 18) .032 (opt. 20) .032 (opt. 20) .032 (opt. 20) .032 (opt. 20) .032 (opt. 20) - 1 Working voltage= (PR)1/2, not to exceed max rating (multiply by 0.7 for Opt.X). 2 Allow .032" additional for Opt X or values <1 3 Coating overflow onto each lead 2xD 4 Until existing inventory is depleted, type 175 may be .397" [10mm] dia.x 1.81 [46] long with 1.3"[33] lead length 5 Military p/n's are given for reference only and do not imply qualification or exact interchangeability. 6 Increased range avail. 7 Resis. value measured at 3/8" 1/16" from each end of body 8 Heavier lead gauge option is recommended on low values to enable lower leadwire resis., increased current, and improved TC 9 Lead length applies to bulk packaged units (taped parts may be shorter, refer to taping spec.) 10 Dependent on value, options, etc TYPICAL PERFORMANCE10 Load Life (Char.U) Thermal Shock Moisture Resistance Shock and Vibration Overload, 5 Sec Dielectric Strength Max. Current (not to exceed wattage or voltage rating) TC (ppm/C) 10 1 - 9.9 0.1 - .99 .05 -.099 .01 -.049 0.5% (1% on sizes >10W) 0.2% 0.2% 0.1% 5x rated W 102-156, 10x W 160-190 500V (for 1KV specify opt.33) Resistors with .020" dia leads = 11A, .024" = 15A, .032" = 22A, .040"= 30A 20ppm (5 & 10ppm avail.) 50ppm (10, 20, 30ppm avail.) 90ppm (20, 30, 50 ppm avail.) 300ppm (50, 100, 200ppm avail.) 600ppm (100, 200, 300ppm avail.) P/N DESIGNATION: RCD Type 135 - 102 - J B W Options: X, R, V, P, F, ER, E, B, 76, 75, 22, 20, 18 (leave blank if standard) Resis. Code 1% & tighter tols: 3 signif. digits & multiplier, e.g. R100= 0.1, 1R00= 1,1000= 100, 1001= 1K. 2%-10%: 2digits & multiplier (R10= .1, 1R0=1,100=10, 102=1K) Use extra digits as needed: R005, R0075, R012, etc. Tolerance: K=10%, J=5%, H=3%, G=2%, F=1%, D=0.5%, C=0.25%, B=0.1%, A=0.05%, Q=0.02%, T=0.01%, V=.005% Packaging: B= Bulk, T= T&R (avail. on type 102 to 176) Optional TC: 5= 5ppm, 10= 10ppm, 20= 20ppm, 30= 30ppm, 50= 50ppm, 101= 100ppm, 201=200ppm (leave blank if std) Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable) RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com FA039G Sale of this product is in accordance with GF-061. Specifications subject to change without notice. 43 |
Price & Availability of 13522-100 |