Part Number Hot Search : 
1004CL HN4B04J SM3200AS CR100 STR80145 GP1U78R CT100 10N301C
Product Description
Full Text Search
 

To Download 107LBA500M2BF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LBA
FEATURES I I I I
+85C Snap-Mount Aluminum Electrolytic Capacitors
For all general purpose high CV applications
High Ripple Currents Ratings Rugged Design Large Case Size Selection Capacitance Range: 47F to 47,000 F
I Voltage range: 10 WVDC to 500 WVDC I Solvent Tolerant End Seal Standard
Aluminum Electrolytic
SPECIFICATIONS
Capacitance Tolerance Operating Temperature Range Dissipation Factor 120Hz, 20C WVDC tan WVDC Impedance Ratio 120Hz -25C/20C -40C/20C WVDC Leakage Current Time
10
.5
-40C to +85C
16
.4
20% at 120Hz, 20C -25C to +85C
500
.15 .1 .1 *.1 .15 .15 .15
25
.3
35
.25
50
.2
63
.15
80
.15
100 160 200 250 350 400 450
.15
*.15 for D=35 and 40mm 10
4 15
16
4 15
25
3 10
35
3 8
50
3 6
63
3 6
80
3 6
100 160 200 250 350 400 450 500
6 6 4 12 4 12 4 12 8 8 8 8 -
500 WVDC 5 minutes
.02CV or 2000A whichever is smaller
2,000 hours at 85C with rated voltage and ripple current
Load Life
Capacitance change Dissipation factor Leakage current
20% of initial measured value 200% of initial specified value 100%< Initial specified value 500 hours at +85C with no voltage applied. Units will meet load life specifications Frequency (Hz) Temperature (C)
10K 1.19 1.45 1.41 1.08 100K 1.2 1.5 1.43 1.08 +85C 1.0 1.0 1.0 1.0 +70C 1.15 1.15 1.15 1.15 +60C 1.3 1.3 1.3 1.3 +45C 1.48 1.48 1.48 1.48
Shelf life
60 .95 .92 .81 .77
WVDC
120 1.0 1.0 1.0 1.0
300 1.07 1.17 1.16 1.03
1K 1.13 1.32 1.31 1.05
Ripple Current Multipliers
6.3-50 63-100 160-250 350-500
SPECIAL ORDER OPTIONS
*
Special tolerances: 10% (K), -10% + 30% (Q)
(See Page 33 to 37) *
Epoxy end seal
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
113
LBA
+ 85C Snap-Mount Aluminum Electrolytic Capacitors
PHYSICAL DIMENSIONS
WVDC (SV) 500 (550)
F
10 (13)
16 (20)
25 (32)
35 (44)
50 (63)
63 (79)
80 (100)
100 (125)
160 (200)
200 (250)
250 (300)
350 (400)
400 (450)
450 (500)
47 68 100
22x30 25x25 25x20 25x30
22x30
150
22x40 25x30
220
22x20
22x25 25x20 22x30 25x25 22x40 25x30 25x35 30x25 25x35 25x40 35x25 30x40
330
22x25
470
25x25
22x30 25x25 30x20 22x40 25x30 30x25 22x50 25x40
30x30
22x50 25x40 30x45
30x40 35x30 30x30 35x40
22x25 25x25 22x35 22X40 25X30 30X25 25x40 22X50 25X40 30X35 35X30 30x40 25X50 30X45 35X35 35x40 35X45
35x45 40x35
35x50
560 680
22x25
30x25
820 1000 22x25 22x35 25x25 30x30 30x35 35x25 30x35 35x30
1200
1500 1800 2200 25x20 22x25
22x25
25x25
25x35
35x35 30x50 35x40 35x50 40x40
25x25
22x40 25x35 25x45 35x30 22x35 35x30 35x35 35x45
3300 4700 22x25
22x25 22x30 25x25
22x30 25x25 22x40 25x35 30x25
25x35 25x35 25x45 30x30 35x25 35x35
25x45 30x35 35x30 35x35 40x30 35x45 40x35
30x45 35x30 35x35 30x45 30x50 35x35 35x40 35x40 35x45 35x45 35x50 35x50
30x35 30x35 30x40 35x30 30x45 35x35 30x45 30x50 35x40 35x45 35x50
35x50
5600 6800
22x30 22x35 25x25
8200 10000
15000 22000
25x25 30x25
33000 47000
22x25 22x30 25x25 30x25 22x40 30x25 22x50 30x30 35x25 30x40 35x30 30x50 35x40
22x35 22x45 25x35 35x25 25x45 35x30 35x35 40x30 35x50
22x35 22x40 25x30 30x25 25x35 25x40 30x30 30x40 35x35 35x45
25x45 35x30
30x40 35x35
35x45
35x45
Convert to inches, divide by 25.4.
DxL(mm)
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
114
LBA
+ 85C Snap-Mount Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Capacitance WVDC (F)
PART NUMBER
Maximum ESR m 120Hz,+20C
5291.055 3657.053 3315.728 3315.728 3315.728 3315.728 2486.796 2486.796 2486.796 1105.243 1657.864 1657.864 1657.864 1657.864 1657.864 1657.864 1657.864 1657.864 753.575 753.575 753.575 753.575 753.575 753.575
Maximum RMS Ripple Current (A) 120Hz,+85C
0.46 0.6 0.65 0.63 0.68 0.77 0.85 0.81 0.84 0.85 0.97 0.94 0.89 1.08 1.15 1.12 1.18 1.22 1 1.14 1.1 1.2 1.15 1.1 1.29 1.26 1.22 1.44 1.5 1.59 1.57 1.2 1.48 1.48 1.72 1.67 1.61 1.72
Dimensions DxL (mm)
22x25 25x25 22x30 25x25 22x30 22x35 22x40 25x30 30x25 25x20 25x30 22x40 25x30 25x40 22x50 25x40 30x35 35x30 22x20 22x25 25x20 22x30 25x25 30x20 30x30 22x50 25x40 30x40 25x50 30x45 35x35 22x25 22x30 25x25 22x40 25x30 30x25 30x40
Capacitance WVDC (F)
PART NUMBER
Maximum ESR m 120Hz,+20C
753.575 753.575 753.575 753.575 352.737 352.737 352.737 352.737 352.737 352.737 352.737 352.737 529.106 529.106 529.106 529.106 296.047 296.047 365.705 243.804 243.804 365.705 243.804 243.804 365.705 202.179 202.179 303.268 248.680 248.680 248.680 165.786 165.786 248.680 165.786 248.680 248.680 165.786
Maximum RMS Ripple Current (A) 120Hz,+85C
1.88 1.74 1.92 2.13 1.52 2.02 1.91 1.8 1.97 2.08 2.03 1.97 2.3 2.23 2.16 2.5 2.22 2.3 1.85 2.1 2.43 2.3 2.4 2.55 2.48 2.85 2.9 2.83 1.65 2.08 2.03 2.8 2.77 2.8 3.42 3.42 3.35 3
Dimensions DxL (mm)
35x30 30x45 35x40 35x45 25x25 22x40 25x30
47 68 100 100 100 100 100 100 100 150 150 150 150 150 150 150 150 150 220 220 220 220 220 220 220 220 220 220 220 220 220 330 330 330 330 330 330 330
450 450 350 350 400 450 500 500 500 250 350 400 400 450 500 500 500 500 160 200 200 250 250 250
476LBA450M2BC 686LBA450M2CC 107LBA350M2BD 107LBA350M2CC 107LBA400M2BD 107LBA450M2BE 107LBA500M2BF 107LBA500M2CD 107LBA500M2DC 157LBA250M2CA 157LBA350M2CD 157LBA400M2BF 157LBA400M2CD
157LBA450M2CF
330 330 330 330 470 470 470 470 470 470 470 470 470 470 470 470 560 560 680 680 680 680 680 680 680 820 820 820 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000
350 400 450 500 160 200 200 200 200 250 250 250 350 400 400 450 200 250 100 160 200 200 250 250 250 200 250 250 80 100 100 160 160 160 200 200 200 250
337LBA350M2ED 337LBA400M2DG 337LBA450M2EF 337LBA500M2EG 477LBA160M2CC 477LBA200M2BF 477LBA200M2CD 477LBA200M2CE 477LBA200M2DC 477LBA250M2BH 477LBA250M2CF 477LBA250M2DD 477LBA350M2EF 477LBA400M2EG 477LBA400M2FE 477LBA450M2EH 567LBA200M2CE 567LBA250M2DE 687LBA100M2BC 687LBA160M2DC 687LBA200M2CF 687LBA200M2EC 687LBA250M2DE 687LBA250M2DF 687LBA250M2ED 827LBA200M2DF 827LBA250M2DG 827LBA250M2EE 108LBA080M2BC 108LBA100M2BE 108LBA100M2CC 108LBA160M2DD 108LBA160M2DE 108LBA160M2EC 108LBA200M2DG 108LBA200M2ED 108LBA200M2EE 108LBA250M2DG
Aluminum Electrolytic
25x35 30x25 22x50 25x40 30x30 35x40 35x45 40x35 35x50 25x35 30x35 22x25 30x25 25x40 35x25 30x35 30x40 35x30 30x40 30x45 35x35 22x25 22x35 25x25 30x30 30x35 35x25 30x45 35x30 35x35 30x45
157LBA500M2BH 157LBA500M2CF 157LBA500M2DE 157LBA500M2ED 227LBA160M2BA 227LBA200M2BC 227LBA200M2CA 227LBA250M2BD 227LBA250M2CC 227LBA250M2DA
350 227LBA350M2DD 1130.362 400 400 450 500 500 500 160 200 200 250 250 250 350
227LBA400M2BH 227LBA400M2CF 227LBA450M2DF 227LBA500M2CH 227LBA500M2DG 227LBA500M2EE 337LBA160M2BC 337LBA200M2BD 337LBA200M2CC 337LBA250M2BF 337LBA250M2CD 337LBA250M2DC 337LBA350M2DF
1130.362 1130.362 1130.362 1130.362 1130.362 1130.362 502.383 502.383 502.383 502.383 502.383 502.383 753.575
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
115
LBA
+ 85C Snap-Mount Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Capacitance WVDC (F)
PART NUMBER
Maximum ESR m 120Hz,+20C
165.786 248.680 138.155 207.233 138.155 138.155 207.233 207.233 207.233 165.786 165.786 165.786 165.786 165.786 165.786 165.786 92.104 138.155 138.155 138.155 188.394 150.715 113.036 113.036 113.036 113.036 113.036 113.036 113.036 113.036 113.036 125.596 100.477 100.477 75.357 75.357 75.357 75.357
Maximum RMS Ripple Current (A) 120Hz,+85C
3.65 3.58 3.2 3.2 3.4 3.4 3.54 3.47 3.5 2 2.15 2.76 3.48 3.8 4.1 4 4.1 4.1 4.2 4.38 1.7 2 2.3 2.71 2.66 3.41 3.35 3.28 4.97 4.57 4.7 2.2 2.4 2.35 2.81 3.41 3.28 3.58
Dimensions DxL (mm)
30x50 35x40 30x35 35x30 30x45 30x50 35x35 35x40 35x45 22x25 25x25 25x35 35x35 35x40 35x45 35x50 30x50 35x40 35x45 35x50 25x20 22x25 25x25 22x40 25x35 25x45 30x35 35x30 35x50 40x40 35x50 22x25 22x30 25x25 25x35 25x45 35x30 35x35
Capacitance WVDC (F)
PART NUMBER
Maximum ESR m 120Hz,+20C
75.357 105.821 88.184 88.184 70.547 70.547 70.547 52.911 52.911 52.911 52.911 52.911 52.911 52.911 52.911 52.911 88.814 73.141 73.141 60.951 60.951 60.951 60.951 60.951 60.951 36.571 36.571 80.871 60.654 50.545 40.436 66.315 66.315 49.736 49.736 49.736 41.447 41.447
Maximum RMS Ripple Current (A) 120Hz,+85C
3.5 2.2 2.4 2.35 2.91 2.86 2.8 3.59 3.25 3.2 3.13 3.5 3.3 3.73 4.3 4.22 2.4 2.6 2.55 2.9 3.06 3.01 2.95 3.86 3.73 4.15 4.8 2.37 3.31 3.45 4.35 2.84 2.76 3.4 3.32 3.31 4.06 4
Dimensions DxL (mm)
40x30 22x25 22x30 25x25 22x40 25x35 30x25 25x35 25x45 30x30 35x25 22x35 35x30 35x35 35x45 40x35 22x30 22x35 25x25 22x35 22x40 25x30 30x25 25x45 35x30 35x35 35x45 22x25 22x35 25x35 30x40 22x30 25x25 22x45 25x35 30x25 25x40 30x30
1000 1000 1200 1200 1200 1200 1200 1200 1200 1500 1500 1500 1500 1500 1500 1500 1800 1800 1800 1800 2200 2200 2200 2200 2200 2200 2200 2200 2200 2200 2200 3300 3300 3300 3300 3300 3300 3300
250 250 160 160 200 200 200 200 250 63 80 100 160 200 200 250 160 160 200 200 35 50 63 80 80 100 100 100 160 160 200 35 50 50 63 80 80 100
108LBA250M2DH 108LBA250M2EF 128LBA160M2DE 128LBA160M2ED 128LBA200M2DG 128LBA200M2DH 128LBA200M2EE 128LBA200M2EF 128LBA250M2EG 158LBA063M2BC 158LBA080M2CC 158LBA100M2CE 158LBA160M2EE 158LBA200M2EF 158LBA200M2EG 158LBA250M2EH 188LBA160M2DH 188LBA160M2EF 188LBA200M2EG 188LBA200M2EH 228LBA035M3CA 228LBA050M2BC 228LBA063M2CC 228LBA080M2BF 228LBA080M2CE 228LBA100M2CG 228LBA100M2DE 228LBA100M2ED 228LBA160M2EH 228LBA160M4FF 228LBA200M2EH 338LBA035M2BC 338LBA050M2BD 338LBA050M2CC 338LBA063M2CE 338LBA080M2CG 338LBA080M2ED 338LBA100M2EE
3300 4700 4700 4700 4700 4700 4700 4700 4700 4700 4700 4700 4700 4700 4700 4700 5600 6800 6800 6800 6800 6800 6800 6800 6800 6800 6800 8200 8200 8200 8200 10000 10000 10000 10000 10000 10000 10000
100 25 35 35 50 50 50 63 63 63 63 80 80 80 100 100 25 25 25 35 35 35 35 50 50 63 80 16 25 35 50 16 16 25 25 25 35 35
338LBA100M2FD 478LBA025M2BC 478LBA035M2BD 478LBA035M2CC 478LBA050M2BF 478LBA050M2CE 478LBA050M2DC 478LBA063M2CE 478LBA063M2CG 478LBA063M2DD 478LBA063M2EC 478LBA080M2BE 478LBA080M2ED 478LBA080M2EE 478LBA100M2EG 478LBA100M2FE 568LBA025M2BD 688LBA025M2BE 688LBA025M2CC 688LBA035M2BE 688LBA035M2BF 688LBA035M2CD 688LBA035M2DC 688LBA050M2CG 688LBA050M2ED 688LBA063M2EE 688LBA080M2EG 828LBA016M2BC 828LBA025M2BE 828LBA035M2CE 828LBA050M2DF 109LBA016M2BD 109LBA016M2CC 109LBA025M2BG 109LBA025M2CE 109LBA025M2DC 109LBA035M2CF 109LBA035M2DD
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
116
LBA
+ 85C Snap-Mount Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Capacitance WVDC (F)
PART NUMBER
Maximum ESR m 120Hz,+20C
41.447 33.157 24.868 55.262 44.210 44.210 33.157 33.157 27.631 27.631 22.105 37.679
Maximum RMS Ripple Current (A) 120Hz,+85C
3.93 4.7 5.2 2.76 3.94 3.51 4.5 4.39 5.07 5 5.9 3.49
Dimensions DxL (mm)
35x25 35x35 35x45 25x25 22x40 30x25 25x45 35x30 30x40 35x35 35x45 30x25
Capacitance WVDC (F)
PART NUMBER
Maximum ESR m 120Hz,+20C
30.143 30.143 30.143 22.607 22.607 18.839 20.095 20.095 15.071 14.109 14.109
Maximum RMS Ripple Current (A) 120Hz,+85C
5.23 4.45 4.13 5.73 5.65 6.25 5.8 5.15 7.2 6.78 6.71
Dimensions DxL (mm)
22x50 30x30 35x25 35x35 40x30 35x45 30x40 35x30 35x50 30x50 35x40
10000 10000 10000 15000 15000 15000 15000 15000 15000 15000 15000 22000
35 50 63 10 16 16 25 25 35 35 50 10
109LBA035M2EC 109LBA050M2EE 109LBA063M2EG 159LBA010M2CC 159LBA016M2BF 159LBA016M2DC 159LBA025M2CG 159LBA025M2ED 159LBA035M2DF 159LBA035M2EE 159LBA050M2EG 229LBA010M2DC
22000 22000 22000 22000 22000 22000 33000 33000 33000 47000 47000
16 16 16 25 25 35 16 16 25 16 16
229LBA016M2BH 229LBA016M2DD 229LBA016M2EC 229LBA025M2EE 229LBA025M2FD 229LBA035M2EG 339LBA016M2DF 339LBA016M2ED 339LBA025M2EH 479LBA016M2DH 479LBA016M2EF
Aluminum Electrolytic
D1
P.C. Mounting Specifications 10.0 0.1
D1=D+1.0 mm Max. L1=L + 2.0 mm Max. S1=10 .1mm
S1
L1
2.0 0.1
CASE DIMENSIONS CODE LAST TWO LETTERS OF PART NUMBERS (DxL)mm
A 20
B 22
C 25
Letter Group D E 30 35
F 40
G 45
H 50
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
117


▲Up To Search▲   

 
Price & Availability of 107LBA500M2BF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X