Part Number Hot Search : 
AT102 26FBP06 315K6 T5100550 DAC312ER L4100 MMBT555 J100A
Product Description
Full Text Search
 

To Download TS512MJFV30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS512MJFV30
Description
TS512MJFV30 is a 512MB USB Flash Drive with 1pcs of 512Mx8 Flash Memory assembled on printed circuit board.
512MB USB2.0 JetFlash(R) V30 Features
* Frame Color: Orange * Fully compatible with hi-speed USB 2.0 * Easy Plug and Play installation * USB powered. No external power or battery needed * Driverless (only Windows(R) 98SE needs the enclosed driver) * LED indicates the usage status * JetFlash software pack includes: Favorites Function: store all your favorite website (R) addresses on the JetFlash AutoLogin Function: automatically login to websites where you have a password Secret-Zip Function: compress and/or password protect saved files using AES encryption (R) PC-Lock Function: makes JetFlash a key to you're your computer (R) E-Mail Function: use your JetFlash to securely send, receive and save e-mails DataBackup Function: backup, restore and synchronize your data
(R)
Outline
System Requirement
* Hardware: Desktop or notebook computer with USB port * Operating System: Windows(R) Me, Windows(R) 2000, Windows(R) XP and MacTM OS 9.0 or later, LinuxTM Kernel 2.4.2 or later
Dimensions
Side
A B C
Millimeters
60 1.00 16.5 1.00 8.1 1.00
Inches
2.36 0.04 0.65 0.04 0.32 0.04
Transcend Information Inc.
1
TS512MJFV30
Block Diagram
With 1 pcs of 512Mx8 Flash Memory
512MB USB2.0 JetFlash(R) V30
DA0~DA7 USB 4 Pins Connector USB + USB Flash Disk Controller Other /CE0, R/B0
D0~D7 /CE R/B /WE /RE
Flash Memory 512Mx8
Transcend Information Inc.
2
TS512MJFV30
Pinouts
Pin No.
01 02 03 04
512MB USB2.0 JetFlash(R) V30
Pin Identification
Pin Name
VCC USBUSB+ VSS VSS VCC USB+
Symbol
USB-
Function
USB differential signal: The pairs are used to transmit Data/Address/Command Ground USB power input
Specifications
Storage Capacity Data Retention Erase Cycles Connector Durability System Performance Power Supply Temperature Range Certificates 512MB 10 years >10,000 times 10,000 times Read: 10MB/sec (max.), Write: 3MB/sec (max.) DC 5V10% via the USB port Operation: 0-70 C, Non-Operating: -40 C-85 C CE, FCC, BSMI
o o o
Transcend Information Inc.
3
TS512MJFV30
Absolute Maximum Ratings
Symbol VCC VIN Parameter Power Supply Input Voltage Rating 4.5 to 5.5 3 to 3.6
512MB USB2.0 JetFlash(R) V30
Unit V V
DC Characteristics:
Symbol Parameter IIL Input Leakage Current (No pull-up or pull-down) IOZ Tri-State Leakage Current VIL Input Low Voltage VIH Input High Voltage VOL Output Low Voltage (IOL=4mA) VOH Output High Voltage (IOH=4mA) Rpu Input pull-up resistance ( PU=high, PD=low) Rpd Input pull-down resistance ( PU=low, PD=high) IACT Active Current ISLP Sleep Current Min. -10 -10 2.0 0.4 2.4 55 40 75 75 110 150 55 120 Typ. Max. 10 10 0.8 Units A A V V V V K K mA A
Recommended Operating Conditions
Symbol Parameter VCC Power Supply Voltage VIN Input Voltage VCC18 Internal Power Supply Min. 4.5 3 1.62 Typ. 5 3.3 1.8 Max. 5.5 3.6 1.98 Units V V V
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product. Transcend reserves the right to make changes in specifications at any time without prior notice.
Transcend Information Inc.
4


▲Up To Search▲   

 
Price & Availability of TS512MJFV30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X