Part Number Hot Search : 
18RD5 M85049 DG309CK XC4VLX40 74HC25 101MF OSO5G HVU356
Product Description
Full Text Search
 

To Download TS16GJFV20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS8G~32GSSD34E-M
Description
The ExpressCardTM SSD (Solid State Disk) is small in size, has a huge capacity and low power consumption making it perfect for use as a mobile storage solution in notebook computer with ExpressCardTM slot.
8GB~32GB ExpressCard34 SSD Features
* RoHS compliant products * High-speed USB 2.0 specification, True Plug and Play functionality * Fully compatible with ExpressCardTM standards and Operating Systems (OS) that support the USB standard * Non-volatile Flash Memory for outstanding data retention * Built-in ECC (Error Correction Code) functionality and wear-leveling algorithm ensures highly reliable of data transfer * Compatible with Windows Vista and supports ReadyBoost function * Low Power Consumption * Shock resistance
Outline
System Requirement
* Hardware: An available ExpressCardTM slot on desktop or notebook computer * Operating System: Windows(R) 2000, Windows(R) XP, Windows(R) Vista, MacTM OS 10.4 or later, and LinuxTM Kernel 2.4 or later
Dimensions
Side
A B C
Millimeters
75.00 1.00 34.00 1.00 5.00 1.00
Inches
2.95 0.04 1.34 0.04 0.20 0.04
Order Information
Transcend P/N
TS8GSSD34E-M TS16GSSD34E-M TS32GSSD34E-M
Capacity
8GB 16GB 32GB
Transcend Information Inc.
1 V1.02
TS8G~32GSSD34E-M
Block Diagram
8GB~32GB ExpressCard34 SSD
Transcend Information Inc.
2 V1.02
TS8G~32GSSD34E-M
Pinouts
Pin No.
01 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26
8GB~32GB ExpressCard34 SSD Pin Identification
Pin Name
GND USBDUSBD+ CPUSB RSVD1 RSVD2 RSVD3 SMBCLK SMBDATA 1.5V WAKE 3.3VAUX PERST 3.3V 3.3V CLKREQ CPPE REFCLKREFCLK+ GND PERN0 PERP0 GND PETN0 PETP0 GND
Symbol
PETP0 PETN0 PERP0 PERN0 REFCLK+ REFCLKPERST USBD+ USBDSMBDATA SMBCLK CPPE CLKREQ WAKE
Function
PCI Express x1 interface
PCI Express reference clock PCI Express Reset USB serial data interface SMBus PCI Express interface presence detect Request that REFCLK be enabled Request that the host interface return to full operation and respond to PCI Express USB interface presence detect Primary voltage source Auxiliary voltage source Secondary voltage source Ground Reserve data pin
CPUSB 3.3V 3.3VAUX 1.5V GND RSVD1 RSVD2 RSVD3
Transcend Information Inc.
3 V1.02
TS8G~32GSSD34E-M
Specifications
Environment
Capacity Temperature Operating Non-Operating Power Requirement Power Consumption Voltage Read Current Write Current Idle Current Suspend Current Dimension Weight Data Retention MTBF Certificates LxWxH
8GB~32GB ExpressCard34 SSD
8GB~32GB 0 to 70 -40 to 85 DC 3.3V 10% 96.6 mA 104.8 mA 43.8 mA 500 uA 75mmx34mmx5mm 19 g (Max.) 10 years 2,000,000 hours CE, FCC, BSMI
Transcend Information Inc.
4 V1.02
TS8G~32GSSD34E-M
DC Characteristics Symbol
VIH_TTL VIL_TTL VOH_TTL VOL_TTL IOH_TTL IOL_TTL VIH_USB VIL_USB VI_USB_CM VI_USB_HSSQ VI_USB_HSDSC VI_USB_HSCM VOH_USB VOL_USB VOH_USB_HS VOL_USB_HS IOH_USB IOL_USB IOH_USB_HS IOL_USB_HS
8GB~32GB ExpressCard34 SSD
Parameter
TTL Input High Voltage TTL Input Low Voltage TTL Output High Voltage TTL Output Low Voltage TTL Output High Current TTL Output Low Current USB Input High Voltage for Low-/Full-Speed USB Input Low Voltage for Low-/Full-Speed Differential Common Mode Input Range for Low-/Full-Speed USB High-Speed squelch Input Detection Threshold USB High-Speed disconnect Input Detection Threshold USB High-Speed Signaling USB Output High Voltage for Low-/Full-Speed USB Output Low Voltage for Low-/Full-Speed USB Output High Voltage for High-Speed USB Output Low Voltage for High-Speed USB Output High Current for Low-/Full-Speed USB Output Low Current for Low-/Full-Speed USB Output High Current for High-Speed USB Output Low Current for High-Speed
Min.
2 -0.3 0.9VCC3
Max.
0.3+VCC3 0.8 0.45
Unit
V V V V mA mA V
-4 4 2.0 0.8 0.8 0.1 0.525 -0.05 2.8 2.5 0.15 0.625 0.5 3.6 0.3 0.36 -0.01 -10 10 -40 40 0.44 0.01
V V V V V V V V V mA mA mA mA
Transcend Information Inc.
5 V1.02
TS8G~32GSSD34E-M
AC Characteristics Symbol
TPILH TPIHL TPOLH TPOHL TR TF
8GB~32GB ExpressCard34 SSD
Parameter
Input Rising Delay Input Falling Delay Output Rising Delay Output Falling Delay Output Rising Delay Output Falling Delay
Min.
0.61 (0.8pF) 0.88 (0.8pF) 2.40 (10pF) 2.61 (10pF) 2.26 (10pF) 1.90 (10pF)
Typ.
0.72 (2.4pF) 1.03 (2.4pF) 3.42 (30pF) 3.62 (30pF) 4.45 (30pF) 3.63 (30pF)
Max.
0.92 (4.8pF) 1.24 (4.8pF) 4.88 (60pF) 5.03 (60pF) 7.83 (60pF) 6.23 (60pF)
Unit
ns ns ns ns ns ns
Absolute Maximum Ratings Symbol
TSTORAGE TA VCC3 VCC18 Vin3.3 Vin3/5 Vin1.8
Parameter
Storage Temperature Ambient Operating Temperature 3.3V Supply Voltage 1.8V Supply Voltage 3.3V Buffer Input Voltage 3.3V/5V Buffer Input Voltage 1.8V Buffer Input Voltage
Min.
-40 0 -0.3 -0.3 -0.3 -0.3 -0.3
Max.
85 75 3.6 2 3.6 5 2
Unit
V V V V V
Transcend Information Inc.
6 V1.02
TS8G~32GSSD34E-M
Naming Rule
8GB~32GB ExpressCard34 SSD
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product. Transcend reserves the right to make changes in specifications at any time without prior notice.
USA
Los Angeles: E-mail: sales@transcendusa.com Maryland: E-mail: sales_md@transcendusa.com www.transcendusa.com
CHINA
TAIWAN
E-mail: sales@transcendchina.com www.transcendchina.com
No.70, XingZhong Rd., NeiHu Dist., Taipei, Taiwan, R.O.C TEL +886-2-2792-8000 Fax +886-2-2793-2222 E-mail: sales@transcend.com.tw www.transcend.com.tw
GERMANY
E-mail: vertrieb@transcend.de www.transcend.de
HONG KONG JAPAN
E-mail: sales@transcend.com.hk www.transcendchina.com E-mail: sales@transcend.co.jp www.transcend.jp
THE NETHERLANDS United Kingdom
E-mail: sales@transcend.nl www.transcend.nl E-mail: sales@transcend-uk.com www.transcend-uk.com
Transcend Information Inc.
7 V1.02


▲Up To Search▲   

 
Price & Availability of TS16GJFV20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X