Part Number Hot Search : 
MAX96701 FSMD1206 XB0126P 60N60 TCC20L25 68200 22001 C2604
Product Description
Full Text Search
 

To Download STPS1L30MF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STPS1L30MF
Low drop power Schottky rectifier in flat package
Main product characteristics
IF(AV) VRRM Tj (max) VF (max) 1A 30 V 150 C 0.39 V
A
K STmite flat (DO222-AA)
Features and benefits

Very low profile package: 0.85 mm Backward compatible with standard STmite footprint Very small conduction losses Negligible switching losses Extremely fast switching Low forward voltage drop for higher efficiency and extended battery life Low thermal resistance Avalanche capability specified
Description
Single Schottky rectifier suited for switch mode power supplies and high frequency DC to DC converters. Packaged in STmite flat, this device is intended for use in very low voltage, high frequency inverters, free wheeling and polarity protection applications. Due to the very small size of the package this device fits battery powered equipment (cellular, notebook, PDA's, printers) as well as chargers and PCMCIA cards.
Order Code
Part number STPS1L30MF Marking F1L3
Table 1.
Symbol VRRM IF(RMS) IF(AV) IFSM PARM Tstg Tj dV/dt
1.
dPtot --------------dTj
Absolute ratings (limiting values)
Parameter Repetitive peak reverse voltage RMS forward voltage Average forward current Surge non repetitive forward current Repetitive peak avalanche power Storage temperature range Maximum operating junction temperature(1) Tc = 140 C = 0.5 tp = 10 ms sinusoidal tp = 1 s Tj = 25 C Value 30 2 1 50 1200 -65 to + 150 150 10000 Unit V A A A W C C V/s
Critical rate of rise of reverse voltage (rated VR, Tj = 25 C)
1 ------------------------Rth ( j - a )
<
condition to avoid thermal runaway for a diode on its own heatsink
August 2006
Rev 1
1/7
www.st.com
Characteristics
STPS1L30MF
1
Characteristics
Table 2.
Symbol Rth(j-c) Rth(j-a)
(1)
Thermal resistance
Parameter Junction to case Junction to ambient Value 20 250 Unit C/W C/W
1. Mounted with minimum recommended pad size, PC board FR4
Table 3.
Symbol
Static electrical characteristics
Parameter Tests conditions Tj = 25 C Tj = 85 C VR = VRRM Min. Typ 0.13 5.25 0.05 VR = 20 V 3.5 0.03 VR = 10 V 2.4 0.33 IF = 1 A 0.28 0.39 IF = 2 A 0.36 0.45 IF = 3 A 0.43 0.50 IF = 4 A 0.50 Max. 0.39 16.5 0.24 mA 10.5 0.15 7 0.39 0.34 0.45 0.42 V 0.53 0.51 0.60 0.60 Unit
IR (1)
Reverse leakage current
Tj = 25 C Tj = 85 C Tj = 25 C Tj = 85 C Tj = 25 C Tj = 85 C Tj = 25 C
VF (1)
Forward voltage drop
Tj = 85 C Tj = 25 C Tj = 85 C Tj = 25 C Tj = 85 C
1. Pulse test: = 380 s, < 2%
To evaluate the conduction losses use the following equation: P = 0.26 x IF(AV) + 0.08 IF2(RMS)
2/7
STPS1L30MF
Characteristics
Figure 1.
Conduction losses versus average Figure 2. current
IF(AV)(A)
= 0.05 = 0.1 = 0.2
1.1
Average forward current versus ambient temperature ( = 0.5)
PF(AV)(W)
0.50 0.45 0.40 0.35 0.30 0.25 0.5 0.20 0.15 0.10 0.05 0.00 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 0.4
= 0.5
Rth(j-a)=Rth(j-c)
1.0 0.9
=1
0.8 0.7 0.6
Rth(j-a)=270C/W
T
0.3 0.2
IF(AV)(A)
=tp/T
1.0 1.1 1.2
tp
1.3
0.1 0.0 0 25 50
Tamb(C)
75 100 125 150
Figure 3.
Normalized avalanche power derating versus pulse duration
Figure 4.
Normalized avalanche power derating versus junction temperature
PARM(tp) PARM(1s)
1 1.2 1 0.1 0.8 0.6 0.4 0.2 0.001 0.01 0.1 1
PARM(tp) PARM(25C)
0.01
tp(s)
10 100 1000
Tj(C)
0 25 50 75 100 125 150
Figure 5.
Non repetitive surge peak forward current versus overload duration (maximum values)
Figure 6.
Relative variation of thermal impedance junction to case versus pulse duration
IM(A)
22 20 18 16 14 12 10
TC=75C TC=25C
Zth(j-c)/Rth(j-c)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3
TC=125C
= 0.2 = 0.1 Single pulse = 0.5
8 6 4 2 0 1.E-03 1.E-02 1.E-01 1.E+00
IM t
0.2 0.1 0.0
T
=0.5
t(s)
tp(s)
1.E-03 1.E-02
=tp/T
tp
1.E-01
1.E-04
3/7
Characteristics
STPS1L30MF
Figure 7.
Reverse leakage currrent versus reverse voltage applied (typical values)
Figure 8.
Reverse leakage currrent versus junction temperature (typical values)
IR(mA)
1.E+03
Tj=150C
IR(mA)
1.E+03
VR=30V
1.E+02
Tj=125C
1.E+02
1.E+01
Tj=100C Tj=75C
1.E+01
1.E+00
Tj=50C
1.E+00
1.E-01
Tj=25C
1.E-01
VR(V)
1.E-02 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 1.E-02 0 25 50
Tj(C)
75 100 125 150
Figure 9.
Junction capacitance versus reverse voltage applied (typical values)
Figure 10. Forward voltage drop versus forward current
C(pF)
1000
F=1MHz VOSC=30mVRMS Tj=25C
IFM(A)
2.0 1.8 1.6 1.4 1.2
Tj=85C (typical values) Tj=85C (maximum values)
100
1.0 0.8 0.6 0.4
Tj=25C (maximum values)
VR(V)
10 1 10 100
0.2 0.0 0.00
VFM(V)
0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50
Figure 11. Thermal resistance junction to ambient versus copper surface under tab (epoxy printed board FR4, Cu=35 m, typical values)
Rth(j-a)(C/W)
250
200
150
100
50
S(mm)
0 0 20 40 60 80 100 120 140 160 180 200
4/7
STPS1L30MF
Package information
2
Package information
Table 4. STmite flat dimensions
Dimensions Ref. Millimeters Min.
E1 L L1
Inches Min. Typ. Max.
Typ. 0.85 0.55 0.85 0.15 1.90 3.80 2.95 0.55 2.40 0.60 0.35
Max. 0.95 0.65 1.00 0.25 2.05 3.90 3.10 0.80 2.60 0.75 0.50
A
L2
0.80 0.40 0.70 0.10 1.75 3.60 2.80 0.50 2.10 0.45 0.20
0.031 0.033 0.037 0.016 0.022 0.026 0.027 0.033 0.039 0.004 0.006 0.009 0.069 0.075 0.081 0.142 0.150 0.154 0.110 0.116 0.122 0.020 0.022 0.031 0.083 0.094 0.102 0.018 0.024 0.030 0.008 0.014 0.020
b
D b b2
b2 c D E E1 L L1 L2 L3
E
L3
c A
Figure 12. STmite flat recommended footprint (all dimensions in mm)
0.85 0.63 2.00 0.65
0.65
0.95
1.95
4.13
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
5/7
Ordering information
STPS1L30MF
3
Ordering information
Part number STPS1L30MF Marking F1L3 Package STmite flat Weight 16 mg Base qty 12000 Delivery mode Tape and reel
4
Revision history
Date 21-Aug-2006 Revision 1 First issue. Changes
6/7
STPS1L30MF
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
7/7


▲Up To Search▲   

 
Price & Availability of STPS1L30MF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X