Part Number Hot Search : 
SM6T12A RT1N432X SD120 2SA744 3GD17 3GD17 F06T4 NTXV2N6
Product Description
Full Text Search
 

To Download SR10200C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 200 Volts CURRENT 10.0 Ampere
FEATURES
* * * * * * * * * * * *
SR1020C THRU SR10200C
Low switching noise Low forward voltage drop Low thermal resistance High current capability High switching capability High surge capabitity High reliability
.108 ( 2.75) .413 ( 10.5) .374 ( 9.5) .153 ( 3.9) .146 ( 3.7)
TO-220
.187 ( 4.7 ) .148 ( 3.8 ) .053 ( 1.3) .047 ( 1.2) .270 ( 6.9) .230 ( 5.8) .610 ( 15.5) .583 ( 14.8)
MECHANICAL DATA
Case: To-220 molded plastic Epoxy: Device has UL flammability classification 94V-O Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 2.24 grams
PIN 123
.157 ( 4.0) .051 ( 1.3) .583 (14.8) .531( 13.5)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
.035 (0.9) .028 ( 0.7) .102 ( 2.6) .091 ( 2.3)
PIN 1 PIN 3 PIN 2 HEATSINK
.020 ( 0.5) .012 ( 0.3) .126 ( 3.2)
Dimensions in inches and (millimeters) MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Derating Case Temperature Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 3) Operating Temperature Range Storage Temperature Range SYMBOL VRRM VRMS VDC IO I FSM RqJC RqJA CJ TJ T STG 700 150 -55 to + 150
SR1020C SR1030C SR1035C SR1040C SR1045C SR1050C SR1060C SR1080C SR10100C SR10150C SR10200C
UNITS Volts Volts Volts Amps Amps
0
20 14 20
30 21 30
35 25 35
40 28 40
45 32 45
50 35 50 10.0 150 3.0 60
60 42 60
80 56 80
100 70 100
150 105 150
200 140 200
C/W pF
0 0
450
C C
ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 5.0A DC Maximum Average Reverse Current at Rated DC Blocking Voltage NOTES : 1. 2. 3. 4. @T A = 25 o C @T A = 100 o C SYMBOL VF IR
SR1020C SR1030C SR1035C SR1040C SR1045C SR1050C SR1060C SR1080C SR10100C SR10150C SR10200C UNITS
.65
.75 0.2 2
.85
Volts mA mA 2006-11
Thermal Resistance : Heat-sink mounted. Suffix "A" = Common Anode. Measured at 1 MHz and applied reverse voltage of 4.0 volts. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
RATING AND CHARACTERISTICS CURVES ( SR1020C THRU SR10200C )
12 10 8
SR
SR1
INSTANTANEOUS FORWARD CURRENT, (mA)
AVERAGE FORWARD CURRENT, (A)
10
1.0
TA = 125 OC
050
6 4 2 0 0
Single Phase Half Wave 60Hz Inductive or Resistive Load 0.375" (9.5mm) Lead Length
C ~S
10 20 C~ SR 10 40 C
0.1 T = 75 OC A 0.01
TA = 25 OC SR1020C~SR1040C SR1050C~SR1060C SR1080C~SR10200C
R10 200 C
50
100
O
150
0.001
0
20
40
60
80
100
120
140
LEAD TEMPERATURE, ( C)
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS REVERSE CURRENT, (A)
CJ, JUNCTION CAPACITANCE, (nF)
50
FIG.1 TYPICAL FORWARD CURRENT DERATING CURVE
SR1020C~SR1040C SR1050C~SR1060C
4 2 1 0.8 0.6 0.4 0.2 0.1
FIG.2 TYPICAL REVERSE CHARACTERISTICS
TJ = 25 OC
10
SR1080C~SR10200C
SR
10
1.0
TJ = 25 C Pulse width=300mS 1% Duty Cycle
O
SR
20
10
50
C~ SR
C~
10
SR
45
C
10
20
0C
0.1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.1
0.4
1.0
4
10
40
80100
INSTANTANEOUS FORWARD VOLTAGE, (V)
REVERSE VOLTAGE, (V)
FIG.3 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
PEAK FORWARD SURGE CURRENT, (A)
FIG.4 TYPICAL JUNCTION CAPACITANCE
150 125 100 75 50 25 0 1
8.3mS Single Half Sine-Wave JEDEC Method
2
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
FIG.5 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of SR10200C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X