![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Sparkle Power Inc. A Leading Power Supply Manufacturer Web site: www.sparklepower.com SPI350PFB2 (80PLUS, RoHS Compliant) 350 Watts ATX12V Switching Power Supply Features * * * * Complied with ATX12V standard Active Power Factor Correction (PFC) meet EN61000-3-2 High efficiency and reliability Compatible with European Union Directive 2002/95/EC (Restriction on Hazardous Substances). * Specification Temperature Range: Operating: 0C ~ +50C on full load; storage & shipping: -20C ~ +80C * * * * * * * * * * Remote ON/OFF function Internal 12V DC fan included Noise Killer (thermal fan speed control function) Low noise and ripple Output over voltage, short circuit, and over current protection 100% Hi-pot, ATE, and burn-in tested Re-settable power shut down Complies with FCC part 15 subpart J class B 115Vac operation, and CISPR 22 class B at 230Vac operation * * * * Humidity: 5-90% on operating,5-95% on storage Dielectric Withstand: Primary frame ground 1800V AC for 1 second Efficiency: 80% minimum, typical up to 87% Rise time: Less than 20ms Hold-up Time: 17ms minimum at nominal input voltage Power Good Signal: Power on delay time 100 ~ 500ms, off delay 1ms minimum (TTL and CMOS compatible) * Approved by CUL/UL60950-1, TUV EN60950-1,CB 60950-1 report,FCC,EMC. * * * Leakage Current: Less than 3.5mA at 264Vac, 50Hz MTBF: 100,000 hours on maximum load at +25C Dimensions (LxWxH): 140x150x86mm / 5.5x5.9x3.4inch Input Characteristics Input Range: 90 ~ 264Vac (RMS), Full Range Input Frequency: 47 ~ 63Hz Input Current: Max 6A (RMS) @ 115Vac, 3A (RMS) @ 230Vac Inrush Current: No damage Output Characteristics Output Voltage Minimum Load Normal Load 0.3A 10A +3.3V 0.5A 10A +5V 1.0A 8A +12V1 8A 1.0A +12V2 0.0A 0.25A -12V 0.0A 1.25A +5Vsb *+3.3V and +5V total output not exceed 150W * Total output for this subject power supply is 350W Sparkle Power Inc. Main Office 1000 Rock Avenue San Jose, CA 95131 TEL: 408-519-8888 FAX: 408-519-9999 E-MAIL: info@sparklepower.com Maximum Load 20A 20A 16A 16A 0.5A 2.5A Load Reg. 5% 5% 5% 5% 10% 5% Ripple & Noise 50mV P-P 50mV P-P 120mV P-P 120mV P-P 120mV P-P 50mV P-P Sparkle Power Inc. Los Angeles Office 17071 Green Drive City of Industry, CA 91745 TEL: 626-839-7180 FAX: 626-839-3395 |
Price & Availability of SPI350PFB2
![]() |