Part Number Hot Search : 
SPLLL15 2N4173 LTC1655 65100 RGP10 MC9S12XE RD1004 SHORT
Product Description
Full Text Search
 

To Download SMDA05CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMDA05C THRU SMDA24C
PROTECTION PRODUCTS Description
The SMDAxxC series of TVS arrays are designed to provide bidirectional protection for sensitive electronics from damage or latch-up due to ESD, lightning and other voltage-induced transient events. Each device will protect four data or I/O lines. They are available with operating voltages of 5V, 12V, 15V and 24V. TVS diodes are solid-state devices designed specifically for transient suppression. They offer desirable characteristics for board level protection including fast response time, low operating and clamping voltage and no device degradation. The low profile SO-8 package allows the user to protect up to four independent lines with one package. The SMDAxxC series is suitable protection for sensitive semiconductors components such as microprocessors, ASICs, transceivers, transducers, and CMOS memory. The SMDAxxC series devices may be used to meet the ESD immunity requirements of IEC 61000-4-2, level 4 for air and contact discharge.
Bidirectional TVS Array for Protection of Four Lines
Features
Transient protection for data lines to IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact) IEC 61000-4-4 (EFT) 40A (5/50ns) IEC 61000-4-5 (Lightning) 12A (8/20s) Bidirectional protection Small SO-8 package Protects four I/O lines Working voltages: 5V, 12V, 15V and 24V Low leakage current Low operating and clamping voltages Solid-state silicon avalanche technology
Mechanical Characteristics
JEDEC SO-8 package Molding compound flammability rating: UL 94V-0 Marking : Part number, date code, logo Packaging : Tube or Tape and Reel per EIA 481
Applications
Data and I/O Lines Microprocessor based equipment Notebooks, Desktops, and Servers Instrumentation LAN/WAN equipment Peripherals Serial and Parallel Ports
Schematic & PIN Configuration
1
8
2
7
3
6
4
5
SO-8 (Top View)
Revision 08/15/06 1 www.semtech.com
SMDA05C THRU SMDA24C
PROTECTION PRODUCTS Absolute Maximum Rating
Rating Peak Pulse Power (tp = 8/20s) ESD Voltage (HBM per IEC 61000-4-2) Lead Soldering Temperature Operating Temperature Storage Temperature Symbol Ppk VESD TL TJ TSTG Value 300 >25 260 (10 sec.) -55 to +125 -55 to +150 Units Watts kV C C C
Electrical Characteristics (T=25oC)
SMDA05C Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamp ing Voltage Clamp ing Voltage Maximum Peak Pulse Current Junction Cap acitance Symbol VRWM V BR IR VC VC IP P Cj It = 1mA VRWM = 5V, T=25C IPP = 1A, tp = 8/20s IPP = 5A, tp = 8/20s tp = 8/20s VR = 0V, f = 1MHz 6 20 9.8 11 17 350 Conditions Minimum Typical Maximum 5 Units V V A V V A pF
SMDA12C Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamp ing Voltage Clamp ing Voltage Maximum Peak Pulse Current Junction Cap acitance Symbol VRWM V BR IR VC VC IP P Cj It = 1mA VRWM = 12V, T=25C IPP = 1A, tp = 8/20s IPP = 5A, tp = 8/20s tp = 8/20s VR = 0V, f = 1MHz 13.3 1 19 24 12 120 Conditions Minimum Typical Maximum 12 Units V V A V V A pF
2005 Semtech Corp.
2
www.semtech.com
SMDA05C THRU SMDA24C
PROTECTION PRODUCTS Electrical Characteristics (Continued)
SMDA15C Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamp ing Voltage Clamp ing Voltage Maximum Peak Pulse Current Junction Cap acitance Symbol VRWM V BR IR VC VC IP P Cj It = 1mA VRWM = 15V, T=25C IPP = 1A, tp = 8/20s IPP = 5A, tp = 8/20s tp = 8/20s VR = 0V, f = 1MHz 16.7 1 24 30 10 75 Conditions Minimum Typical Maximum 15 Units V V A V V A pF
SMDA24C Parameter Reverse Stand-Off Voltage Reverse Breakdown Voltage Reverse Leakage Current Clamp ing Voltage Clamp ing Voltage Maximum Peak Pulse Current Junction Cap acitance Symbol VRWM V BR IR VC VC IP P Cj It = 1mA VRWM = 24V, T=25C IPP = 1A, tp = 8/20s IPP = 5A, tp = 8/20s tp = 8/20s VR = 0V, f = 1MHz 26.7 1 43 55 5 50 Conditions Minimum Typical Maximum 24 Units V V A V V A pF
2005 Semtech Corp.
3
www.semtech.com
SMDA05C THRU SMDA24C
PROTECTION PRODUCTS Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
10 Peak Pulse Power - PPP (kW) 110 100 90 % of Rated Power or I PP 1 80 70 60 50 40 30 20 10 0.01 0.1 1 10 Pulse Duration - tp (s) 100 1000 0 0 25 50 75 100 125 150 Ambient Temperature - TA (oC)
Power Derating Curve
0.1
Pulse Waveform
110 100 90 80 70 60 50 40 30 20 10 0 0 5 10 15 Time (s) 20 25 30 td = IPP/2
PP
Waveform Parameters: tr = 8s td = 20s e-t
Percent of I
ESD Pulse Waveform (IEC 61000-4-2)
Level
IEC 61000-4-2 Discharge Parameters
First Peak Current (A ) 1 2 3 4 7.5 15 22.5 30 Peak Current at 30 ns (A ) 4 8 12 16 Peak Current at 60 ns (A ) 8 4 6 8 Test Test Voltage Voltage (Contact (A ir Discharge) Discharge) (kV) ( kV ) 2 4 6 8 2 4 8 15
2005 Semtech Corp.
4
www.semtech.com
SMDA05C THRU SMDA24C
PROTECTION PRODUCTS Applications Information
Device Connection for Protection of Four Data Lines The SMDAxxC series of devices are designed to protect up to four data lines. The devices are connected as follows: The SMDAxxC are bidirectional devices and are designed for use on lines where the normal operating voltage is above and below ground. Pins 1, 2, 3, and 4 are connected to the protected lines. Pins 5, 6, 7, and 8 are connected to ground. Since the device is electrically symmetrical, these connections may be reversed. The ground connections should be made directly to the ground plane for best results. The path length is kept as short as possible to reduce the effects of parasitic inductance in the board traces. Circuit Board Layout Recommendations for Suppression of ESD. Good circuit board layout is critical for the suppression of ESD induced transients. The following guidelines are recommended: Place the TVS near the input terminals or connectors to restrict transient coupling. Minimize the path length between the TVS and the protected line. Minimize all conductive loops including power and ground loops. The ESD transient return path to ground should be kept as short as possible. Never run critical signals near board edges. Use ground planes whenever possible. Matte Tin Lead Finish Matte tin has become the industry standard lead-free replacement for SnPb lead finishes. A matte tin finish is composed of 100% tin solder with large grains. Since the solder volume on the leads is small compared to the solder paste volume that is placed on the land pattern of the PCB, the reflow profile will be determined by the requirements of the solder paste. Therefore, these devices are compatible with both lead-free and SnPb assembly techniques. In addition, unlike other lead-free compositions, matte tin does not have any added alloys that can cause degradation of the solder joint.
2005 Semtech Corp. 5
Circuit Diagram
1
8
2
7
3
6
4
5
I/O Line Protection
Typical Connection
To Protected Device
1 8
2
7
Ground
3 6
4
5
From Connector
www.semtech.com
SMDA05C THRU SMDA24C
PROTECTION PRODUCTS Outline Drawing - SO-8
A N 2X E/2 E1 E 1 ccc C 2X N/2 TIPS 2 e/2 B D aaa C SEATING PLANE A2 A C bxN bbb A1 C A-B D SIDE VIEW SEE DETAIL DETAIL GAGE PLANE 0.25 L (L1) e D
h h
H
DIM
c
A A1 A2 b c D E1 E e h L L1 N 01 aaa bbb ccc
DIMENSIONS INCHES MILLIMETERS MIN NOM MAX MIN NOM MAX
.053 .069 .010 .004 .065 .049 .012 .020 .010 .007 .189 .193 .197 .150 .154 .157 .236 BSC .050 BSC .010 .020 .016 .028 .041 (.041) 8 8 0 .004 .010 .008 1.35 1.75 0.10 0.25 1.25 1.65 0.31 0.51 0.17 0.25 4.80 4.90 5.00 3.80 3.90 4.00 6.00 BSC 1.27 BSC 0.25 0.50 0.40 0.72 1.04 (1.04) 8 0 8 0.10 0.25 0.20
01
A
A
NOTES: 1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES). 2. DATUMS -A- AND -B- TO BE DETERMINED AT DATUM PLANE -H3. DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. 4. REFERENCE JEDEC STD MS-012, VARIATION AA.
Land Pattern - SO-8
X
DIM
(C) G Z C G P X Y Z
DIMENSIONS INCHES MILLIMETERS
(.205) .118 .050 .024 .087 .291 (5.20) 3.00 1.27 0.60 2.20 7.40
Y P
NOTES: 1. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY. CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR COMPANY'S MANUFACTURING GUIDELINES ARE MET.
2. REFERENCE IPC-SM-782A, RLP NO. 300A.
2005 Semtech Corp.
6
www.semtech.com
SMDA05C THRU SMDA24C
PROTECTION PRODUCTS Ordering Information
Part Number SMDA05C.TB SMDA12C.TB SMDA15C.TB SMDA24C.TB SMDA05C.TBT SMDA12C.TBT SMDA15C.TBT SMDA24C.TBT SMDA05C SMDA12C SMDA15C SMDA24C SMDA05C.T SMDA12C.T SMDA15C.T SMDA24C.T Working Voltage 5 12 15 24 5 12 15 24 5 12 15 24 5 12 15 24 Lead Finish SnPb SnPb SnPb SnPb Pb Free Pb Free Pb Free Pb Free SnPb SnPb SnPb SnPb Pb Free Pb Free Pb Free Pb Free Qty per Reel 500 500 500 500 500 500 500 500 95/Tube 95/Tube 95/Tube 95/Tube 95/Tube 95/Tube 95/Tube 95/Tube Reel Size 7 Inch 7 Inch 7 Inch 7 Inch 7 Inch 7 Inch 7 Inch 7 Inch N/A N/A N/A N/A N/A N/A N/A N/A
Contact Information
Semtech Corporation Protection Products Division 200 Flynn Road, Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
2005 Semtech Corp. 7 www.semtech.com


▲Up To Search▲   

 
Price & Availability of SMDA05CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X