Part Number Hot Search : 
AM1434N SFR605 3506A HVR1200 MUR440 12802 RFM064 TC1221
Product Description
Full Text Search
 

To Download SF0140BA03074S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc. TYPICAL PERFORMANCE
140 MHz SAW Filter 32 MHz bandwidth Part Number SF0140BA03074S
Horizontal: 12 MHz/div
Vertical (from top):
Magnitude Magnitude Phase Deviation Group Delay
10 1 10 50
dB/div dB/div deg/div ns/div
SPECIFICATION
Parameter 2 Center Frequency (Fc) 1 Minimum Insertion Loss 3 dB Bandwidth 35 dB Bandwidth 40 dB Bandwidth Passband Ripple (127.2 to 152.8 MHz) Phase Linearity (127.2 to 152.8 MHz) Group Delay Variation (127.2 to 152.8 MHz) Absolute Delay Rejection (80 to 110 MHz) Rejection (110 to 116 MHz) Rejection (164 to 170 MHz) Rejection (170 to 200 MHz) Source and Load Impedance Substrate Temperature Coefficient of Frequency Ambient Temperature
Notes:
Min 139.60 32
45 40 40 45
Typ 140.00 11.8 33.60 36.85 39.10 0.6 7.5 40 0.93 50 42 42 50 50 LiNbO3 -94 25
Max 140.40 13 38 44 1.0 10 60
Units MHz dB MHz MHz MHz dB p-p deg p-p ns p-p us dB dB dB dB ppm/C C
1. Average of the lower and upper 3 dB band edge frequencies. 2. All dB levels are referenced to the insertion loss. Rev X5 1-Sep-05
Page 1 of 2
Integrated Circuit Systems * Surface Acoustic Wave Products 324 Clark Street, Worcester, MA 01606, USA * Phone 508-852-5400 * Fax 508-852-8456 www.icst.com
QF12/3
Integrated Circuit Systems, Inc. PACKAGE OUTLINE
140 MHz SAW Filter 32 MHz bandwidth Part Number SF0140BA03074S
Units: mm Pin Configuration: Input: 11 Input Return: 12 Output: 5 Output Return: 6 Ground: 1,2,3,4,7,8,9,10
MATCHING CIRCUIT
11
5
12
6
Typical component values: (minimum inductor Q = 45)
Ls1 = 39 nH Lp1 = 47 nH
Ls2 = 39 nH Lp2 = 39 nH
Notes * Recommend 2% tolerance matching components. * Tuning values shown are for reference only. Optimum values may change depending upon board layout.
ISO 9001 Registered
Rev X5 1-Sep-05
Page 2 of 2
Integrated Circuit Systems * Surface Acoustic Wave Products 324 Clark Street, Worcester, MA 01606, USA * Phone 508-852-5400 * Fax 508-852-8456 www.icst.com
QF12/3


▲Up To Search▲   

 
Price & Availability of SF0140BA03074S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X