|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SDI145S12 SPT IGBT Modules Dimensions in mm (1mm = 0.0394") Absolute Maximum Ratings Symbol IGBT VCES IC ICRM VGES TVj,(Tstg) Conditions TC = 25oC, unless otherwise specified Values 1200 Units V A A V o TC= 25(80) C TC= 25(80)oC, tP =1ms _ TOPERATION < Tstg o 190(135) 380(270) _ +20 _ 40...+150(125) 4000 130(90) 380(270) 1100 130(90) 350(260) 1100 C AC, 1min Visol Inverse Diode IF = -IC IFRM V A A A A A A TC= 25(80)oC TC= 25(80)oC, tP =1ms IFSM tP =10ms; sin.;Tj=150oC Freewheeling diode TC= 25(80)oC IF = -IC IFRM TC= 25(80)oC, tP =1ms IFSM tP =10ms; sin.;Tj=150oC SDI145S12 SPT IGBT Modules Characteristics Symbol IGBT VGE(th) ICES VCE(TO) rCE VCE(sat) Cies Coes Cres LCE RCC'+EE' Conditions VGE = VCE, IC =2mA VGE = 0; VCE = VCES; Tj = 25(125)oC Tj = 25(125)oC VGE = 15V, Tj = 25(125)oC IC =100A; VGE = 15V; chip level under following conditions VGE = 0, VCE = 25V, f = 1MHz TC = 25oC, unless otherwise specified min. 4.5 typ. max. Units V mA V m V nF nH m ns ns ns ns mJ 2.5 1.4 13 V V m A uC mJ V V m A uC mJ K/W K/W K/W Nm Nm g td(on) tr td(off) tf Eon(Eoff) Inverse Diode under following conditions: VF = VEC IF = 100A; VGE = 0V; Tj = 25(125)oC V(TO) Tj = 25(125)oC rT Tj = 25(125)oC IRRM IF = 100A; Tj = 125oC Qrr di/dt = 3500A/us Err VGE = V FWD under following conditions: VF = VEC IF = 100A; VGE = 0V; Tj = 25(125)oC V(TO) Tj = 25(125)oC rT Tj = 25(125)oC IRRM IF = 100A; Tj = 25(125)oC Qrr di/dt = A/us Err VGE = V Thermal Characteristics Rth(j-c) per IGBT Rth(j-c)D per Inverse Diode Rth(c-s) per module Mechanical Data Ms to heatsink M6 Mt to terminals M5 w res., terminal-chip TC = 25(125)oC under following conditions: VCC = 600V, IC = 100A RGon = RGoff = 9 , Tj = 125oC VGE = 15V 5.5 6.5 0.1 0.3 1(0.9) 1.15(1.05) 9(12) 12(15) 1.9(2.1) 2.35(2.55) 9 1 1 25 0.75(1) 190 50 590 50 11.5(9.5) 2(1.8) 1.1 9 130 14 4.8 2.1(1.8) 1.1 9 130 14 4.8 0.165 0.36 0.05 2.5 1.4 13 3 2.5 5 5 160 |
Price & Availability of SDI145S12 |