Part Number Hot Search : 
70011 LM78L08 N101C THC929 IDT713 PT66013 020JL 22101
Product Description
Full Text Search
 

To Download SBR20A40CT08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBR20A40CT SBR20A40CTFP
20A SBR(R) SUPER BARRIER RECTIFIER
Features
* * * * * Low Forward Voltage Drop Excellent High Temperature Stability Patented Super Barrier Rectifier Technology Soft, Fast Switching Capability Lead Free Finish, RoHS Compliant (Note 2)
Mechanical Data
* * * * * * * Case: TO-220AB, ITO-220AB Case Material: Molded Plastic, UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminals: Matte Tin Finish annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Marking Information: See Page 2 Ordering Information: See Page 2 Weight: TO-220AB - 2.1 grams (approximate) ITO-220AB - 1.9 grams (approximate)
NEW PRODUCT
TO-220AB
ITO-220AB
Package Pin Out Configuration
Maximum Ratings
@TA = 25C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitance load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TC = 110C Non-Repetitive Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load Peak Repetitive Reverse Surge Current (2uS-1Khz)
Symbol VRRM VRWM VRM VR(RMS) IO IFSM IRRM
Value 40 28 20 180 3
Unit V V A A A
Thermal Characteristics
Characteristic Maximum Thermal Resistance (per leg) Package = TO-220AB Package = ITO-220AB Operating and Storage Temperature Range Symbol RJC TJ, TSTG Value 2 4 -65 to +150 Unit C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 1) Forward Voltage Drop
@TA = 25C unless otherwise specified Symbol V(BR)R VF Min 40 Typ 0.41 Max 0.50 0.47 0.60 0.5 100 Unit V V Test Condition IR = 0.5mA IF = 10A, TJ = 25C IF = 10A, TJ = 125C IF = 20A, TJ = 25C VR = 40V, TJ = 25C VR = 40V, TJ = 125C
Leakage Current (Note 1)
Notes:
IR
-
mA
1. Short duration pulse test used to minimize self-heating effect. 2. RoHS revision 13.2.2003. High temperature solder exemption applied, see EU Directive Annex Note 7.
SBR is a registered trademark of Diodes Incorporated. SBR20A40
Document number: DS30963 Rev. 3 - 2
1 of 3 www.diodes.com
March 2008
(c) Diodes Incorporated
SBR20A40CT SBR20A40CTFP
IF(AVE), AVERAGE FORWARD CURRENT (A)
IF, INSTANTANEOUS FORWARD CURRENT (A)
10
100
10
5
Tj=150C Tj=125C 1 Tj=75C Tj=25C 0.1 0.00 0.10 0.20 0.30 0.40 0.50 0.60 0.70
NEW PRODUCT
0 0 25 50 75 100 125 150 TC CASE TEMPERATURE (C)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 1: Current Derating Curve, Per Element
100 IR, INSTANTANEOUS REVERSE CURRENT (mA)
Figure 2: Typical Forward Characteristics, Per Element
Tj=150C
10
Tj=125C
Tj=75C 1
Tj=25C 0.1 0 10 20 30 40
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
Figure 3: Typical Reverse Characteristics, Per Element
Ordering Information
Part Number SBR20A40CT SBR20A40CTFP
Notes:
(Note 3) Case TO-220AB ITO-220AB Packaging 50 pieces/tube 50 pieces/tube
3. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
SBR 20A40CT
YYWW AB
SBR20A40CT = Product Type Marking Code AB = Foundry and Assembly Code YYWW = Date Code Marking YY = Last two digits of year, ex: 06 = 2006 WW = Week (01-52)
SBR 20A40CTFP
YYWW AB
SBR20A40CTFP = Product Type Marking Code AB = Foundry and Assembly Code YYWW = Date Code Marking YY = Last two digits of year, ex: 06 = 2006 WW = Week (01-52)
SBR is a registered trademark of Diodes Incorporated. SBR20A40
Document number: DS30963 Rev. 3 - 2
2 of 3 www.diodes.com
March 2008
(c) Diodes Incorporated
SBR20A40CT SBR20A40CTFP Package Outline Dimensions
E Q A P H1 A1 SEATING PLANE
D D1 1 2 3 L1 b2 L
e e1
b
c A2
TO-220AB Dim Min Typ Max A 3.56 4.82 A1 0.51 1.39 A2 2.04 2.92 b 0.39 0.81 1.01 c 0.356 0.61 D 14.22 16.51 D1 8.39 9.01 e 2.54 e1 5.08 E 9.66 10.66 H1 5.85 6.85 L 12.70 14.73 L1 6.35 P 3.54 4.08 Q 2.54 3.42 All Dimensions in mm ITO-220AB ALTERNATE (Note 4) DIM. MIN. MAX. A 4.30 4.70 A1 1.3 b 0.50 0.75 b1 1.10 1.35 b2 1.50 1.75 c 0.50 0.75 D 14.80 15.20 E 9.96 10.36 e 2.54 typ F 2.80 3.20 J1 2.50 2.90 L 12.80 13.60 L1 1.70 1.90 L2 1.90 2.10 OP 3.50 typ Q 2.70 typ All Dimensions in mm
E Q
OP
A A1 10 5
D D1 L1 1 3 x b1 2 3
5
5 A2
5
3xb 2xe
L
c
ITO-220AB (Note 4) Dim Min Typ Max A 4.50 4.70 4.90 A1 3.04 3.24 3.44 A2 2.56 2.76 2.96 b 0.50 0.60 0.75 b1 1.10 1.20 1.35 c 0.50 0.60 0.70 D 15.67 15.87 16.07 D1 8.99 9.19 9.39 e 2.54 E 9.91 10.11 10.31 L 9.45 9.75 10.05 L1 15.80 16.00 16.20 P 2.98 3.18 3.38 Q 3.10 3.30 3.50 All Dimensions in mm
NEW PRODUCT
E OP Q +
A F
D
Not Through Holes
1 L1
2
3 L2
b2 A1 J1
b1
L
b e
c
Notes:
4. For product manufactured with Date Code 0733 (week 33, 2007) and newer, please refer to ITO-220AB dimensions. For product manufactured prior to Date Code 0733, please refer to ITO-220AB ALTERNATE dimensions.
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
SBR is a registered trademark of Diodes Incorporated. SBR20A40
Document number: DS30963 Rev. 3 - 2
3 of 3 www.diodes.com
March 2008
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of SBR20A40CT08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X