Part Number Hot Search : 
ML6101 5CD012 LHF00L14 PXD1005 P819I T7808CT 30KP28CA SM6T30CA
Product Description
Full Text Search
 

To Download SBH1503S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA0702
SBH1503S
SANYO Semiconductors
DATA SHEET
SBH1503S
Features
* * *
Schottky Barrier Diode
30V, 1.5A Rectifier
Supports automatic mounting and permits SBH1503 applied sets to be made smaller. Low forward voltage (VF max=0.3V). Average output current : IO=1.5A.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Peak Reverse Voltage Average Output Current Surge Forward Current Junction Temperature Storage Temperature Symbol VRM IO IFSM Tj Tstg 50Hz sine wave, Tc=107C, Load resistor 50Hz sine wave, Ta=28C, Load resistor 50Hz sine wave non-repetitive, 1cycle peak value Conditions Ratings 30 1.5 0.85 30 125 --55 to +125 Unit V A A A C C
Electrical Characteristics at Ta=25C
Parameter Forward Voltage Reverse Current Thremal Resistance Symbol VF IR i-l i-a IF=0.5A IF=1.5A VR=30V Junction-Lead Junction-Ambient, mounted on an almina board. Conditions Ratings min typ max 0.30 0.36 1 20 70 Unit V V mA C/W C/W
Marking : B
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
52307RS TI IM TC-00000587 No. A0702-1/3
SBH1503S
Package Dimensions
unit : mm (typ) 7805-001
3.5 2.6
1
2
2.1
(0.4) (0.7)
0.7
0.8
1.2
10 7 5 3
IF -- VF
1.6
1000 7 5 3 2
IR -- VR
Reverse Current, IR -- mA
Forward Current, IF -- A
25 C
25
2
100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2 0.01 0 5 10
Tl=125C
=1
C
100C
1.0 7 5 3 2
Tl
75C
50C
25C
0.1 0 0.2 0.4 0.6 0.8 IT12137
15
20
25
30
35 IT12138
Forward Voltage, VF -- V
1.0
PF -- IO
Reverse Voltage, VR -- V
3.5
PR -- VR
Tj=125C
Forward Power Dissipation, PF -- W
0 0.8 IO tp T D=tp / T
Tj=125C
Reverse Power Dissipation, PR -- W
0 3.0 VR tp T D=tp / T
0.5
DC
2.5
SIN
0.6
0.2
2.0
0.4
1.5
0.
1.0
0.2
0.5 0
0 0 0.5 1.0 1.5 2.0 2.5 IT12139
0
5
10
15
20
25
0.2
DC
5
SIN
30
35 IT12140
Output Current, IO -- A
Reverse Voltage, VR -- V
No. A0702-2/3
SBH1503S
35
IFSM -- n
Ta=25C 50Hz
3.0
IO -- Tl
DC
Mounted on a print board VR=15V Tj=125C
0 IO tp T D=tp / T
Peak Surge Forward Current, IFSM -- A
30
2.5
25
Output Current, IO -- A
2.0
20
0.5
1.5
15
SIN 0.2
1.0
10
5 0 1.0
0.5
0 2 3 5 7 10 2 3 5 IT12141 0 20 40 60 80 100 120 140 IT12142
Number of Cycles, n
Lead Temperature, Tl -- C
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein. SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor Co.,Ltd. product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. Upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above.
This catalog provides information as of May, 2007. Specifications and information herein are subject to change without notice.
PS No. A0702-3/3


▲Up To Search▲   

 
Price & Availability of SBH1503S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X