Part Number Hot Search : 
BM324 TSI721 CM349 IRG4PC 109332 050V3C KB4339 LA112
Product Description
Full Text Search
 

To Download RTH06AS3F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTC Military Grade Thermistors
Military Grade Leaded Thermistors
T
hese high-rel thermistors are suitable for critical applications in temperature measurement, temperature control, amplifier stabilization, power control, microprocessor interfacing, and numerous other applications. As the industry leader in Mil-Spec devices, we have a part to fill any need.
Style RTH06 MIL-PRF-23648/1 Qualified
Note: Dimension in inches, (millimeters in parentheses)
Style RTH44 MIL-PRF-23648/20 Qualified
TABLE 1 Derating Curve for High Ambient Temperatures
Percent of Maximum Power 100 80 60 40 20 0 -.55 -.20 0 20 40 80 120 Ambient Temperature (C)
25C
Ordering Information R T H 0 6 B S 10 3 F
Tolerance Code Number of Zeros 1st 2 Resistance Digits S = Solderable Leads Ratio Per Table 2 Style Tolerance Options: K = 10% J= 5% G= 2% F= 1%
125C
140 160
STYLE
RESISTANCE (OHMS) RANGE AVAILABLE
MIN-MAX
RESISTANCE RATIO A B C A B C
DISSIPATION CONSTANT 5mW/C 5mW/C 5mW/C 2mW/C 2mW/C 2mW/C
THERMAL TIME CONSTANT
MAX. SECONDS
POWER RATING @ 25C
(derating per Table 1)
MIL-PRF-23648 RESISTANCE RATIO 19.8 29.4 48.7 19.8 29.4 48.7
RTH06
68-560 680-4700 7.5K-75K 300-3000 1000-10K 15K-500K
80 80 80 25 25 25
0.5 Watts 0.5 Watts 0.5 Watts 0.2 Watts 0.2 Watts 0.2 Watts
RTH44
TABLE 2 Resistance Temperature Characteristics Multipliers
TEMPERATURE (C) -55 -15 0 25 50 75 100 125 RATIO 19.8 (A) 54.790 5.770 2.850 1.000 .405 .184 .0923 .0503 RATIO 29.4 (B) 100.00 7.380 3.270 1.000 .360 .148 .0675 .0340 RATIO 48.7 (C) - 8.800 3.660 1.000 .3200 .1160 .0470 .0205
800-554-4784
www.thermistor.com
21
NTC
THERMISTORS
R(25C)/R(125C)


▲Up To Search▲   

 
Price & Availability of RTH06AS3F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X