Part Number Hot Search : 
FR204G BSS84 ON2128 BAR64 R3560 HTC0603 UA777 7829H
Product Description
Full Text Search
 

To Download RB751G-40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RB751G-40
SURFACE MOUNT SCHOTTKY DIODES
VOLTAGE FEATURES
* Extremely Fast Switching Speed * Very Low VF : 0.325V (Typ) at IF = 1mA * Surface mount package ideally suited for autmatic insertion * In compliance with EU RoHS 2002/95/EC directives
40 Volts
CURRENT
300 mA
MECHANICAL DATA
* Case: SOD-723, Plastic * Terminals: Solderable per MIL-STD-750, Method 2026 * Appox Weight : 0.00077 gram
ABSOLUTE RATINGS
PA RA M E TE R M a r k i ng M a xi m um R e ve r s e D C V o l t a g e P e a k R e ve r s e V o l t a g e M a xi m um F o r w a r d C ur r e nt N o n- r e p e t i t i ve P e a k F o r w o r d S ur g e C ur r e nt a t t = 1 0 0 0 m s P o we r D i s s i p a ti o n
(1 )
S ym b o l VRRM VR IF ( A V ) IF S M PTOT
(1 )
Va l ue BC 40 30 0 .3 0 .6 200 635 -5 5 to 1 2 5 -5 5 to 1 2 5
U ni t s V V A A mW
O
The r m a l R e s i s t a nc e , J unc t i o n t o A m b i e nt J u n c t i o n Te m p e r a t u r e S t o r a g e Te m p e r a t u r e
RJA TJ TS T G
C /W
O
C C
O
1. FR-5 Board = 1.0 x 0.75 x 0.062 in. Minmum Pad Layout
STAD-MAY.18.2007
PAGE . 1
RB751G-40
ELECTRICAL CHARACTERISTICS ( TJ = 25OC unless otherwise noted )
PA RA M E TE R R e ve r s e L e a k a g e C ur r e nt F o rwa rd Vo lta g e To t a l C a p a c i t a n c e S ym b o l IR VF CJ Te s t C o n d i t i o n V R =30V IF = 1 m A V R =1 V,F =1 MHz M IN . T YP. MA X . 0 .5 0.37 2 U ni t s A V pF
ELECTRICAL CHARACTERISTICS CURVE
100 T A =125 C
O
100
Reverse Leakage Current, I R( m A)
10 T A =75 C 1
O
T A =125 C
O
Forward Current, I F(mA)
10 T A =75 C
O
0.1
T A =25 C
O
T A =-25 C 1
O
0.01 T A =-25 C 0.001 0 10 20 30 40 0.1 0 0.1 0.2 0.3 0.4
O
T A =25 C
O
0.5
0.6
0.7
Reverse Voltage, V R (V) Fig.1-Typical Reverse Leakage
Forward Voltage, V F (V) Fig.2-Typical Forward Voltage
4 3.5
Total Capacitance, C T(pF)
3 2.5 2 1.5 1 0.5 0 0 10 20 Reverse Voltage,V R (V) 30 40
Fig.3-Typical Capacitance
STAD-MAY.18.2007
PAGE . 2
RB751G-40
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 12K per 13" plastic Reel T/R - 5K per 7" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2007
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-MAY.18.2007
PAGE . 3


▲Up To Search▲   

 
Price & Availability of RB751G-40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X