Part Number Hot Search : 
T7300 T7300 LV432 LN524GK T7300 SDD10N04 167BZX 014014
Product Description
Full Text Search
 

To Download RB551V-30S2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RB551V-30S2
Surface Mount Schottky Barrier Diode
Voltage Range 30 Volts Current 0.5A Ampere
Features
Small plastic SMD package Ultra low VF, VF=0.45 typ. at 0.5A High reliability
0.037(0.95) Max.
SOD-323
0.010(0.25) Typ. Min.
Mechanical Data
Case: SOD-323, Plastic Terminals: Solderable per MIIL-STD-202, Method 208 Polarity: Cathode Band Marking: Date Code and Type Code Type Code: D Weight: 0.01 grams (approx.)
0.106(2.70) 0.091(2.30)
0.077(1.95) 0.069(1.75)
0.012(0.30) Min.
0.002(0.05) Typ. Min.
0.053(1.35) 0.045(1.15)
0.004(0.10) Max.
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Maximum Ratings Type Number
Peak Repetitive Reverse Voltage DC Reverse Voltage Mean Rectifying Current Peak Forward Surge Current Operating and Storage Temperature Range
Symbol
VRM
VR IO IFSM TJ, TSTG Symbol Min
-
RB551V-30S2 30 20 0.5
2.0
-40 to + 125 Typ
-
Units V V A A O C Max
0.36 0.5 100
Electrical Characteristics Type Number
Forward Voltage Drop Reverse Leakage Current IF=100mA IF=500mA
Units V uA
VF IR
- 20 -
RATINGS AND CHARACTERISTIC CURVES (RB551V-30S2)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE FIG.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
1.0
AVERAGE FORWARD CURRENT.(A)
1000
INSTANTANEOUS FORWARD CURRENT (mA)
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 25 50
Mounting on glass epoxy PCBS
100
10
12
O 5C
75
O
C 25
O
C -25
O
C
1
75
100 125 150 175
200
0.1
0
0.1
0.2
0.3
0.4
0.5
AMBIENT TEMPERATURE ( C)
FORWARD VOLTAGE. (V)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
FIG. 4- TYPICAL JUNCTION CAPACITANCE
100
100000 10000 1000 100
TJ=25 C
O
REVERSE LEAKAGE CURRENT ( A)
TJ=125 C
O
TJ=75 C
O
JUNCTION CAPACITANCE.(pF)
TJ=25 C f=1.0MHz
O
10
10 1 0.1 0 5 10 15 20 25 30
REVERSE VOLTAGE. (V)
TJ= -25 C
O
1 0 5 10 15 20 25 30 REVERSE VOLTAGE.(V)
- 21 -


▲Up To Search▲   

 
Price & Availability of RB551V-30S2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X