Part Number Hot Search : 
SR320 4VCXH1 R1045 71M65 10100 74477710 2SK1230 1N4409B
Product Description
Full Text Search
 

To Download PSAM-3-05B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PSAM Series
PHASE SHIFTERS, ANALOG
500 to 2500 MHz / 0 to 180 and 0 to 360 / 10% Bandwidth / Voltage Controlled / SMA
PRINCIPAL SPECIFICATIONS
Model Number PSAM-3-***B PSAM-4-***B Center Frequency, fo, GHz 0.5 to 2.5 0.5 to 2.5 Phase Shift Range 180 at fo 360 at fo
GENERAL SPECIFICATIONS
Bandwidth: Insertion Loss: PSAM-3 series@ 1 GHz: @ 2.5 GHz: PSAM-4 series@ 1 GHz: @ 2.5 GHz: Modulation Rate: Impedance: VSWR:PSAM-3 series: PSAM-4 series: Input Power: Control Voltage for full range: Connectors: Weight, nominal: Phase Stability, typical: PSAM-3 series: PSAM-4 series: Operating Temp: 10% of fo 3 dB typ. 4 dB typ. 4 dB typ. 6 dB typ. 1% of fo nom. 50 nom. 2.0:1 max. 2.5:1 max. 0 dBm max.* 0.5 to +30 Vmax. SMA Female 4 oz. (112 g) 0.1 per C 0.2 per C -- 55 to +85C
For complete Model Number replace *** with desired Center Frequency, fo in MHz.
Package Outline
*Unit may be operated at +10 dBm in reduced control range of 1.5 - 15 V. (+30 V no damage)
OPTIONAL SPECIFICATIONS
NOTES: 1. Tolerance on 3 place decimals .020(.51) except as noted. 2. Dimensions in inches over millimeters.
Lower Frequencies: Flatpack Version:
see PSEM series see PEF series
General Notes: 1. The PSAM series of voltage controlled analog phase shifters controls phase shift using a voltage of 0 to +30V. On PSAM-3 models the full range is from 0 to 180 and on PSAM-4 this is extended to 0 to 360 by cascading two similar 180 phase shifters. 2. Each phase shifter element employs FilmbridTM quadrature hybrids with matched pairs of varactor tuned LC networks acting as sliding short circuits on the outputs. The electrical length of short effectively delays the reflected signal which appears at the isolated port of each quadrature hybrid. 3. Similar phase shifters are available in a variety of packages including catalog models in flatpacks and Meri-Pacs. 4. Merrimac phase shifters are designed for high reliability and can be supplied screened to meet specific military and space applications.
15Feb96
F rf t e if r to c n a tM ERRI AC /41 Faifel Pl,W estCal el,NJ,07006 / 973o ur h r n o ma in o t c M ri d . dw l 5751300 /FAX 973- 0531 575-


▲Up To Search▲   

 
Price & Availability of PSAM-3-05B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X