Part Number Hot Search : 
B41605 FR301GP 645ET BR3508 LTC38 15913040 ADL5371 T1621
Product Description
Full Text Search
 

To Download PS12800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ORDERING
MIC-24/CL/A/* Active Unit, Interface converter for current loop * Specify 60 for optional 60 mA, factory set (Default is 20 mA) MIC-24/CL/P/+ Passive Unit, Interface converter for current loop + Specify F for female 25-pin connector Specify M for male 25-pin connector P/S-AC/12/800 90 to 264 VAC external power supply for MIC-24/CL/A
MIC-24/CL
Current Loop Interface Converter
Specifications are subject to change without prior notice.
253-100-04/00
2000 RAD Data Communications Ltd.
Order from: Cutter Networks
Ph:727-398-5252/Fax:727-397-9610
www.bestdatasource.com
FEATURES
APPLICATIONS
DESCRIPTION * MIC-24/CL enables communication
between equipment with current loop interface and devices with RS-232 / V.24 interface. MIC-24/CL operates bidirectionally, full or half-duplex, converting the RS-232 / V.24 voltage levels to loop closure or loop opening. active and passive current loop transmissions:
* * * * * * * * * *
Conversion of RS-232/V.24 to current loop, bidirectional Distances up to 6.5 km / 4 miles Data rates up to 19.2 bps Full or half duplex 20 mA current loop, 60 mA optional Active or passive units LEDs indicating RD, TD activity (active only) DCE/DTE switch Miniature, lightweight Easy to install
* MIC-24CL is available in two models, for
MIC -24/CL/A (active) allows both the transmitter and the receiver to supply the current loop source or only the transmitter to supply the source (strap-selectable, see Figures 1,2. The active unit operates with 20 mA (60 mA optional ordering) and requires a standard external power supply of 12V. LED indicators, POWER, TD and RD, monitor the data flow for transmit and receive signals. MIC -24/CL/P (passive) always accepts the supplied loop current from both transmit and receive lines (see Figure 3). The passive unit operates with 20 or 60 mA, without requiring an external power source. Its power is derived from the RS-232 / V.24 data and control source signals.
* Both models feature a DCE/DTE switch to
simplify installation and eliminate the need for cross cables.
Order from: Cutter Networks
Ph:727-398-5252/Fax:727-397-9610
www.bestdatasource.com
SPECIFICATIONS * Data Transmission * Range
Asynchronous, full or half duplex Up to 6.5 km / 4 miles RS-232/V.24 Active Unit: Current loop 20 mA 60 mA optional Passive Unit: Current loop 20 or 60 mA Up to 19.2 kbps One miniature D-25 pin male connector (the passive model also includes an optional female connector, see Ordering). 4-screw terminal block DC power connector (active unit only) Active unit: POWER, TD (transmit) RD (receive) Passive unit: no AC power supply required, uses ultra-low power derived from the RS-232/V.24 data and control signals Active unit: requires standard external power supply of 12 2V at 150 mA. Alternatively, power can be supplied to pin 9 of the DB-25 connector, without external power supply.
* Physical
Length: 110 mm / 4.3 in Width: 55 mm / 2.1 in Height: 22 mm / 0.9 in Weight: 75 g / 2.6 oz Temperature: 0-50oC / 32-122oF Humidity: Up to 90%, non-condensing
Declaration of Conformity
Mfr. Name: Mfr. Address: RAD Data Communications Ltd. 12 Hanechoshet St. Tel Aviv 69710 Israel
* Environment
* Interface
declares that the products: Product Name: MIC-24/CL/A, MIC-24/CL/P Conform to the following standard(s) or other normative document(s): EMC: EN 55022 (1994): Limits and methods of measurement of radio disturbance characteristics of information technology equipment. EN 50082-1 (1992): Electromagnetic compatibility - Generic immunity standards for residential, commercial and light industry. Supplementary Information: The product herewith complies with the requirements of the EMC Directive 89/336/EEC and the Low Voltage Directive 73/23/EEC. The product was tested in a typical configuration. Tel Aviv, January 30th 1996
* Data Rates
* Connectors
* LEDs
* Power
Haim Karshen VP Quality European Contact: RAD Data Communications GmbH, Lyoner Strasse 14, 60528 Frankfurt am Main, Germany
Order from: Cutter Networks
Ph:727-398-5252/Fax:727-397-9610
www.bestdatasource.com
INSTALLATION
Caution. This is a delicate instrument. Be careful when setting jumpers or performing any actions within the product so that you do not break or shake any components.
6.
Plug the unit directly into the 25-pin connector of the RS-232/V.24 equipment and fasten with the screws.
Note: For the MIC-24/CL/A unit, plug in the power connector and check that the POWER LED is on.
MIC-24/CL is easy to configure and install. Review Table 1 and Figure 4 for the factory settings as the unit may already be strapped to suit your application. If not, follow these steps: 1. Open the unit by pressing the marked places on the sides, starting at the cable end. Table 1. Strap Selection Strap
DCE/DTE
Function
Factory Setting 3.
Figure 4. Strapping Diagram In the MIC-24/CL/A (active unit), set the double RECEIVER strap to the position for the Receive circuitry to be active or passive. When RECEIVER is set to ACTIVE, "Rxa" is the positive lead and "Rxb" is the negative lead. When RECEIVER is set to PASSIVE, the polarity is reversed: "RXa" is the negative lead and "RXb" is the positive lead. Connect the 4-wire line to the screw terminal block: transmit pair to "TX" and receive pair to "RX", maintaining polarity. Note: Remote "TX" should be connected to local "RX" and vice versa. 5. Close the unit by pressing the two halves of the cover together.
Designates if unit is DCE configured as a DCE or DTE Selects the Receive ACTIVE circuitry to be either active (supplying current) or passive (sinking current).
ACTIVE/ PASSIVE (on the active unit only)
2.
Set the DCE/DTE switch to the required position. When set to DCE, the unit is configured as a DCE for connection to a computer or terminal. When set to DTE, it operates as a DTE.
4.
Order from: Cutter Networks
Ph:727-398-5252/Fax:727-397-9610
www.bestdatasource.com


▲Up To Search▲   

 
Price & Availability of PS12800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X