Part Number Hot Search : 
AK4124VF RCJ450 DBL411B 24AA04 RP1104 SW628 SW628 FAN7315
Product Description
Full Text Search
 

To Download MUR60120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR60120
Ultra Fast Recovery Diodes
Dimensions TO-247AC A C(TAB) C A=Anode, C=Cathode, TAB=Cathode A C
Dim. A B C D E F G H J K L M N
Millimeter Min. Max. 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.4 1.65 1.0 10.8 4.7 0.4 1.5 5.49 6.2 2.13 4.5 1.4 11.0 5.3 0.8 2.49
Inches Min. Max. 0.780 0.819 0.610 0.140 0.170 0.212 0.065 0.040 0.426 0.185 0.016 0.087 0.800 0.845 0.640 0.144 0.216 0.244 0.084 0.177 0.055 0.433 0.209 0.031 0.102
MUR60120
VRSM V 1200
VRRM V 1200
Symbol IFRMS IFAVM IFRM
Test Conditions TVJ=TVJM TC=60oC; rectangular, d=0.5 tp<10us; rep. rating, pulse width limited by TVJM TVJ=45oC t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine
Maximum Ratings 100 52 800 500 540 450 480 1250 1200 1000 950 -40...+150 150 -40...+150
Unit A
IFSM
TVJ=150oC TVJ=45oC
A
I2t
TVJ=150oC
A2s
TVJ TVJM Tstg Ptot Md Weight TC=25oC Mounting torque
o
C
189 0.8...1.2 6
W Nm g
MUR60120
Ultra Fast Recovery Diodes
Symbol
Test Conditions TVJ=25oC; VR=VRRM TVJ=25oC; VR=0.8.VRRM TVJ=125oC; VR=0.8.VRRM IF=60A; TVJ=150oC TVJ=25oC For power-loss calculations only TVJ=TVJM
Characteristic Values typ. max. 2.2 0.5 14 2.0 2.55 1.65 8.3 0.66 0.25 35
Unit
IR
mA
VF VTO rT RthJC RthCK RthJA trr IRM
V V m K/W
IF=1A; -di/dt=200A/us; VR=30V; TVJ=25oC _ VR=540V; IF=60A; -diF/dt=480A/us; L<0.05uH; TVJ=100 C
o
40 32
60 36
ns A
FEATURES
* International standard package JEDEC TO-247AC * Planar passivatd chips * Very short recovery time * Extremely low switching losses * Low IRM-values * Soft recovery behaviour
APPLICATIONS
* Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating and melting * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders
ADVANTAGES
* High reliability circuit operation * Low voltage peaks for reduced protection circuits * Low noise switching * Low losses * Operating at lower temperature or space saving by reduced cooling
MUR60120
Ultra Fast Recovery Diodes
90 A 80 70 IF 60 50 6 40 30 20 2 10 0 0 1 VF 2 3 V 4 0 10 100 -diF/dt typ. 4 max. TVJ= 25C TVJ=100C TVJ=150C Qr 12 C 10 8 IF=60A IF=120A IF=60A IF=30A TVJ=100C VR= 540V
80 A 60
IRM
TVJ=100C VR=540V IF=60A IF=120A IF=60A IF=30A
max.
40
typ. 20
0
A/s 1000
0
200
400
-diF/dt
600
800 A/s 1000
Fig. 1 Forward current versus voltage drop.
Fig. 2 Recovery charge versus -diF/dt.
Fig. 3 Peak reverse current versus -diF/dt.
60 1200 ns 1000 VFR 800 tfr 600 400 tfr
1.4 1.2
1.0 s 0.8 max. TVJ=100C VR=540V
V 50 40 VFR 30 20
1.0 Kf
IRM
0.8 0.6
trr
0.6
IF=60A IF=120A IF=60A IF=30A
0.4
QR
0.4 0.2 0.2 0.0 0 40 TJ 80 120 C 160 0.0 0 200 400 600 -diF/dt A/s 800 1000 typ.
10 0 0 200 400 600 diF/dt
TVJ=125C IF=60A
200 0
A/s 1000 800
Fig. 4 Dynamic parameters versus junction temperature.
Fig. 5 Recovery time versus -diF/dt.
Fig. 6 Peak forward voltage versus diF/dt.
Fig. 7 Transient thermal impedance junction to case.


▲Up To Search▲   

 
Price & Availability of MUR60120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X