Part Number Hot Search : 
TA7810SB 0524S T103J 2SD198 GT50J341 STP1N Y100007 PA120Y
Product Description
Full Text Search
 

To Download MPX2010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pressure
Freescale Semiconductor
+
MPX2010 Rev 13, 10/2008
10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
The MPX2010 series silicon piezoresistive pressure sensors provide a very accurate and linear voltage output directly proportional to the applied pressure. These sensors house a single monolithic silicon die with the strain gauge and thin film resistor network integrated. The sensor is laser trimmed for precise span, offset calibration and temperature compensation.
MPX2010 Series
0 to 10 kPa (0 to 1.45 psi) 25 mV Full Scale (Typical)
Features
* * * * Temperature Compensated over 0C to +85C Ratiometric to Supply Voltage Differential and Gauge Options Available in Easy-to-Use Tape & Reel ORDERING INFORMATION
Package Case Device Name Options No. Small Outline Package (MPXV2010 Series) MPXV2010GP Tray 1369 MPXV2010DP Tray 1351 Unibody Package (MPX2010 Series) MPX2010D Tray 344 MPX2010DP Tray 344C MPX2010GP Tray 344B MPX2010GS Tray 344E MPX2010GSX Tray 344F MPAK Package (MPXM2010 Series) MPXM2010D Rail 1320 MPXM2010DT1 Tape and Reel 1320 MPXM2010GS Rail 1320A MPXM2010GST1 Tape and Reel 1320A None # of Ports Single * * * * * * * * * * * * * * * * Dual Gauge *
Application Examples
* * * * Respiratory Diagnostics Air Movement Control Controllers Pressure Switching
Pressure Type Differential Absolute
Device Marking MPXV2010GP MPXV2010DP MPX2010D MPX2010DP MPX2010GP MPX2010D MPX2010D MPXM2010D MPXM2010D MPXM2010GS MPXM2010GS
* * *
* *
SMALL OUTLINE PACKAGES
MPAK PACKAGES
MPXV2010GP CASE 1369-01
MPXV2010DP CASE 1351-01
MPXM2010D/DT1 CASE 1320-02
MPXM2010GS/GST1 CASE 1320A-02
UNIBODY PACKAGES
MPX2010D CASE 344-15
MPX2010GP CASE 344B-01
MPX2010DP CASE 344C-01
MPX2010GS CASE 344E-01
MPX2010GSX CASE 344F-01
(c) Freescale Semiconductor, Inc., 2005-2008. All rights reserved.
Pressure
Operating Characteristics
Table 1. Operating Characteristics (VS = 10 VDC, TA = 25C unless otherwise noted, P1 > P2)
Characteristic Pressure Range(1) Symbol POP VS IO VFSS VOFF V/ -- -- -- TCVFSS TCVOFF ZIN ZOUT tR -- -- Min 0 -- -- 24 -1.0 -- -1.0 -- -- -1.0 -1.0 1300 1400 -- -- -- Typ -- 10 6.0 25 -- 2.5 -- 0.1 0.5 -- -- -- -- 1.0 20 0.5 Max 10 16 -- 26 1.0 -- 1.0 -- -- 1.0 1.0 2550 3000 -- -- -- Units kPa VDC mAdc mV mV mV/kPa %VFSS %VFSS %VFSS %VFSS mV ms ms %VFSS
Supply Voltage(2) Supply Current Full Scale Span(3) Offset(4) Sensitivity Linearity Pressure Hysteresis (0 to 10 kPa) Temperature Hysteresis (-40C to +125C) Temperature Coefficient on Full Scale Span Temperature Coefficient on Offset Input Impedance Output Impedance Response Time(5) (10% to 90%) Warm-Up Time Offset Stability(6) 1. 1.0 kPa (kiloPascal) equals 0.145 psi.
2. Device is ratiometric within this specified excitation range. Operating the device at a different range may induce additional error due to device self-heating. 3. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the minimum rated pressure. 4. Offset (VOFF) is defined as the output voltage at the minimum rated pressure. 5. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to a specified step change in pressure. 6. Offset stability is the product's output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.
MPX2010 2 Sensors Freescale Semiconductor
Pressure
Maximum Ratings
Table 2. Maximum Ratings(1)
Rating Maximum Pressure (P1 > P2) Burst Pressure (P1 > P2) Storage Temperature Operating Temperature Symbol PMAX PBURST TSTG TA Value 75 100 -40 to +125 -40 to +125 Unit kPa kPa C C
1. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
Voltage Output versus Applied Differential Pressure
The output voltage of the differential or gauge sensor increases with increasing pressure applied to the pressure side (P1) relative to the vacuum side (P2). Similarly, output voltage increases as increasing vacuum is applied to the vacuum side (P2) relative to the pressure side (P1).
VS 3 Thin Film Temperature Compensation and Calibration Circuitry 1 GND
Figure 1. shows a block diagram of the internal circuitry on the stand-alone pressure sensor chip.
2 4
Sensing Element
+VOUT -VOUT
Figure 1. Temperature Compensated and Calibrated Pressure Sensor Schematic
MPX2010 Sensors Freescale Semiconductor 3
Pressure
On-Chip Temperature Compensation and Calibration
Figure 2. shows the output characteristics of the MPX2010 series at 25C. The output is directly proportional to the differential pressure and is essentially a straight line. The effects of temperature on full scale span and offset are very small and are shown under Operating Characteristics. This performance over temperature is achieved by having both the shear stress strain gauge and the thin-film resistor circuitry on the same silicon diaphragm. Each chip is dynamically laser trimmed for precise span and offset calibration and temperature compensation. Figure 3. illustrates the differential/gauge die in the basic chip carrier (Case 344). A silicone gel isolates the die surface and wire bonds from the environment, while allowing the pressure signal to be transmitted to the silicon diaphragm. The MPX2010 series pressure sensor operating characteristics and internal reliability and qualification tests are based on use of dry air as the pressure media. Media other than dry air may have adverse effects on sensor
VS = 10 Vdc TA = 25C P1 > P2 TYP
a
performance and long term reliability. Contact the factory for information regarding media compatibility in your application. LINEARITY Linearity refers to how well a transducer's output follows the equation: Vout = Voff + sensitivity x P over the operating pressure range. There are two basic methods for calculating nonlinearity: (1) end point straight line fit (see Figure 4.) or (2) a least squares best line fit. While a least squares fit gives the "best case" linearity error (lower numerical value), the calculations required are burdensome. Conversely, an end point fit will give the "worst case" error (often more desirable in error budget calculations) and the calculations are more straightforward for the user. Freescale's specified pressure sensor linearities are based on the end point straight line method measured at the midrange pressure.
30 25 20 Output (mVdc) 15 10 5 0 -5 kPa PSI
MAX
Span Range (Typical) MIN
2.5 0.362
5 0.725
7.5 1.09
10 1.45
Offset (Typical)
Figure 2. Output vs. Pressure Differential
Least Squares Fit Exaggerated Performance Curve
Least Square Deviation Straight Line Deviation
Die P1
Wire Bond
Epoxy Case
Relative Voltage Output
Silicone Die Coat
Stainless Steel Metal Cover
End Point Straight Line Fit
Lead Frame P2
RTV Die Bond Offset 0 50 Pressure (% Full Scale) 100
Figure 3. Unibody Package: Cross Sectional Diagram (not to scale)
Figure 4. Linearity Specification Comparison
MPX2010 4 Sensors Freescale Semiconductor
Pressure
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Freescale designates the two sides of the pressure sensor as the Pressure (P1) side and the Vacuum (P2) side. The Pressure (P1) side is the side containing silicone gel which isolates the die from the environment. The pressure sensor is designed to operate with positive differential pressure applied, P1 > P2. The Pressure (P1) side may be identified by using the following table. Table 3. Pressure (P1) Side Delineation
Part Number MPX2010D MPX2010DP MPX2010GP MPX2010GS MPX2010GSX MPXV2010GP MPXV2010DP MPXM2010D/DTI MPXM2010GS/GSTI Case Type 344 344C 344B 344E 344F 1369 1351 1320 Pressure (P1) Side Identifier Stainless Steel Cap Side with Part Marking Side with Port Attached Side with Port Attached Side with Port Attached Side with Port Attached Side with Part Marking Side with Part Marking
1320A Side with Port Attached
MPX2010 Sensors Freescale Semiconductor 5
Pressure
PACKAGE DIMENSIONS
C R M
1
B
-AN
PIN 1
1234
2
3
4
Z
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION -A- IS INCLUSIVE OF THE MOLD STOP RING. MOLD STOP RING NOT TO EXCEED 16.00 (0.630).
DIM A B C D F G J L M N R Y Z INCHES MILLIMETERS MIN MAX MIN MAX 0.595 0.630 15.11 16.00 0.514 0.534 13.06 13.56 0.200 0.220 5.08 5.59 0.016 0.020 0.41 0.51 0.048 0.064 1.22 1.63 0.100 BSC 2.54 BSC 0.014 0.016 0.36 0.40 0.695 0.725 17.65 18.42 30 NOM 30 NOM 0.475 0.495 12.07 12.57 0.430 0.450 10.92 11.43 0.048 0.052 1.22 1.32 0.106 0.118 2.68 3.00
L
-TJ
SEATING PLANE
G F
M
F Y
D 4 PL 0.136 (0.005)
TA
M
DAMBAR TRIM ZONE: THIS IS INCLUDED WITHIN DIM. "F" 8 PL
STYLE 1: PIN 1. 2. 3. 4.
GROUND + OUTPUT + SUPPLY - OUTPUT
STYLE 2: PIN 1. 2. 3. 4.
VCC - SUPPLY + SUPPLY GROUND
STYLE 3: PIN 1. 2. 3. 4.
GND -VOUT VS +VOUT
CASE 344-15 ISSUE AA UNIBODY PACKAGE
SEATING PLANE
-TR H N
PORT #1 POSITIVE PRESSURE (P1)
-AU L
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
DIM A B C D F G H J K L N P Q R S U INCHES MILLIMETERS MIN MAX MIN MAX 1.145 1.175 29.08 29.85 0.685 0.715 17.40 18.16 0.305 0.325 7.75 8.26 0.016 0.020 0.41 0.51 0.048 0.064 1.22 1.63 0.100 BSC 2.54 BSC 0.182 0.194 4.62 4.93 0.014 0.016 0.36 0.41 0.695 0.725 17.65 18.42 0.290 0.300 7.37 7.62 0.420 0.440 10.67 11.18 0.153 0.159 3.89 4.04 0.153 0.159 3.89 4.04 0.230 0.250 5.84 6.35 0.220 0.240 5.59 6.10 0.910 BSC 23.11 BSC
-Q-
B
12 34
PIN 1
K
S
-P0.25 (0.010) J C
M
TQ
S
F G D 4 PL 0.13 (0.005)
M
TS
S
Q
S
STYLE 1: PIN 1. GROUND 2. + OUTPUT 3. + SUPPLY 4. - OUTPUT
CASE 344B-01 ISSUE B UNIBODY PACKAGE
MPX2010 6 Sensors Freescale Semiconductor
Pressure
PACKAGE DIMENSIONS
-AU
PORT #1
V R
PORT #2
W H
PORT #2 VACUUM (P2)
L
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
DIM A B C D F G H J K L N P Q R S U V W INCHES MILLIMETERS MIN MAX MIN MAX 1.145 1.175 29.08 29.85 0.685 0.715 17.40 18.16 0.405 0.435 10.29 11.05 0.016 0.020 0.41 0.51 0.048 0.064 1.22 1.63 0.100 BSC 2.54 BSC 0.182 0.194 4.62 4.93 0.014 0.016 0.36 0.41 0.695 0.725 17.65 18.42 0.290 0.300 7.37 7.62 0.420 0.440 10.67 11.18 0.153 0.159 3.89 4.04 0.153 0.159 3.89 4.04 0.063 0.083 1.60 2.11 0.220 0.240 5.59 6.10 0.910 BSC 23.11 BSC 0.248 0.278 6.30 7.06 0.310 0.330 7.87 8.38
N
PORT #1 POSITIVE PRESSURE (P1)
-QSEATING PLANE
B
SEATING PLANE
PIN 1
1234
-P-TJ C -T0.25 (0.010)
M
K S
TQ
S
F G D 4 PL
0.13 (0.005)
M
TS
S
Q
S
STYLE 1: PIN 1. 2. 3. 4.
GROUND + OUTPUT + SUPPLY - OUTPUT
CASE 344C-01 ISSUE B UNIBODY PACKAGE
CASE 344E-01 ISSUE B UNIBODY PACKAGE
MPX2010 Sensors Freescale Semiconductor 7
Pressure
PACKAGE DIMENSIONS
-TC E A U -QNOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
DIM A B C D E F G J K N P Q R S U V INCHES MILLIMETERS MIN MAX MIN MAX 1.080 1.120 27.43 28.45 0.740 0.760 18.80 19.30 0.630 0.650 16.00 16.51 0.016 0.020 0.41 0.51 0.160 0.180 4.06 4.57 0.048 0.064 1.22 1.63 0.100 BSC 2.54 BSC 0.014 0.016 0.36 0.41 0.220 0.240 5.59 6.10 0.070 0.080 1.78 2.03 0.150 0.160 3.81 4.06 0.150 0.160 3.81 4.06 0.440 0.460 11.18 11.68 0.695 0.725 17.65 18.42 0.840 0.860 21.34 21.84 0.182 0.194 4.62 4.92
V
N R
PORT #1 POSITIVE PRESSURE (P1)
B
-P0.25 (0.010)
M
PIN 1
TQ
M
4
3
2
1
S K
J
F D 4 PL 0.13 (0.005)
G
STYLE 1: PIN 1. 2. 3. 4. GROUND V (+) OUT V SUPPLY V (-) OUT
M
TP
S
Q
S
CASE 344F-01 ISSUE B UNIBODY PACKAGE
MPX2010 8 Sensors Freescale Semiconductor
Pressure
PACKAGE DIMENSIONS
PAGE 1 OF 2
CASE1351-01 ISSUE A SMALL OUTLINE PACKAGE
MPX2010 Sensors Freescale Semiconductor 9
Pressure
PACKAGE DIMENSIONS
PAGE 2 OF 2
CASE1351-01 ISSUE A SMALL OUTLINE PACKAGE
MPX2010 10 Sensors Freescale Semiconductor
Pressure
PACKAGE DIMENSIONS
PAGE 1 OF 2
CASE 1369-01 ISSUE B SMALL OUTLINE PACKAGE
MPX2010 Sensors Freescale Semiconductor 11
Pressure
PACKAGE DIMENSIONS
PAGE 2 OF 2
CASE 1369-01 ISSUE B SMALL OUTLINE PACKAGE
MPX2010 12 Sensors Freescale Semiconductor
Pressure
PACKAGE DIMENSIONS
CASE 1320-02 ISSUE B MPAK
MPX2010 Sensors Freescale Semiconductor 13
Pressure
PACKAGE DIMENSIONS
CASE 1320-02 ISSUE A MPAK
MPX2010 14 Sensors Freescale Semiconductor
Pressure
PACKAGE DIMENSIONS
PIN 4
PIN 1
CASE 1320A-02 ISSUE A MPAK
MPX2010 Sensors Freescale Semiconductor 15
Pressure
PACKAGE DIMENSIONS
CASE 1320-02 ISSUE A MPAK
MPX2010 16 Sensors Freescale Semiconductor
How to Reach Us:
Home Page: www.freescale.com Web Support: http://www.freescale.com/support USA/Europe or Locations Not Listed: Freescale Semiconductor, Inc. Technical Information Center, EL516 2100 East Elliot Road Tempe, Arizona 85284 1-800-521-6274 or +1-480-768-2130 www.freescale.com/support Europe, Middle East, and Africa: Freescale Halbleiter Deutschland GmbH Technical Information Center Schatzbogen 7 81829 Muenchen, Germany +44 1296 380 456 (English) +46 8 52200080 (English) +49 89 92103 559 (German) +33 1 69 35 48 48 (French) www.freescale.com/support Japan: Freescale Semiconductor Japan Ltd. Headquarters ARCO Tower 15F 1-8-1, Shimo-Meguro, Meguro-ku, Tokyo 153-0064 Japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com Asia/Pacific: Freescale Semiconductor China Ltd. Exchange Building 23F No. 118 Jianguo Road Chaoyang District Beijing 100022 China +86 010 5879 8000 support.asia@freescale.com For Literature Requests Only: Freescale Semiconductor Literature Distribution Center P.O. Box 5405 Denver, Colorado 80217 1-800-441-2447 or +1-303-675-2140 Fax: +1-303-675-2150 LDCForFreescaleSemiconductor@hibbertgroup.com
Information in this document is provided solely to enable system and software implementers to use Freescale Semiconductor products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Freescale Semiconductor reserves the right to make changes without further notice to any products herein. Freescale Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Freescale Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters that may be provided in Freescale Semiconductor data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals", must be validated for each customer application by customer's technical experts. Freescale Semiconductor does not convey any license under its patent rights nor the rights of others. Freescale Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Freescale Semiconductor product could create a situation where personal injury or death may occur. Should Buyer purchase or use Freescale Semiconductor products for any such unintended or unauthorized application, Buyer shall indemnify and hold Freescale Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Freescale Semiconductor was negligent regarding the design or manufacture of the part. FreescaleTM and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2008. All rights reserved.
MPX2010 Rev. 13 10/2008


▲Up To Search▲   

 
Price & Availability of MPX2010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X