Part Number Hot Search : 
1N5810 25681 PT270024 HGAAM GQZ39 03515 MV53164 IR603
Product Description
Full Text Search
 

To Download MJF18008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
MJF18008
DESCRIPTION With TO-220F package High voltage ,high speed APPLICATIONS Designed for use in 220V line-operated switchmode power supplies and electronic light ballasts
PINNING PIN 1 2 3 Base Collector Fig.1 simplified outline (TO-220F) and symbol Emitter DESCRIPTION
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM PD Tj Tstg
Collector-base voltage
Collector-emitter voltage

PARAMETER
INC
Emitter-base voltage
Collector current (DC)
E SEM ANG H
Open base TC=25ae
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE 1000 450 9 10 16 4 8 45 150 -65~150
UNIT V V V A A A A W ae ae
Open collector
Collector current-Peak
Base current Base current-Peak Total power dissipation Junction temperature Storage temperature
THERMAL CHARACTERISTICS
SYMBOL Rth j-C Rth j-A PARAMETER Thermal resistance junction to case Thermal resistance junction to ambient VALUE 2.78 62.5 UNIT ae ae /W /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter saturation voltage CONDITIONS IC=0.1A; L=25mH IC=2A; IB=0.2A TC=125ae IC=4.5A; IB=0.9A TC=125ae IC=2A ;IB=0.2A IC=4.5A; IB=0.9A VCES=RatedVCES; VEB=0 TC=125ae VCES=800V ICEO IEBO hFE-1 hFE-2 hFE-3 hFE-4 fT COB Collector cut-off current Emitter cut-off current VCE=RatedVCEO; IB=0 VEB=9V; IC=0 IC=1A ; VCE=5V MIN 450 SYMBOL VCEO(SUS) VCEsat-1 VCEsat-2 VBEsat-1 VBEsat-2
MJF18008
TYP.
MAX
UNIT V
0.6 0.65 0.7 0.8 1.10 1.25 0.1 0.5 0.1 0.1
V V V V
ICES
Collector cut-off current
mA
mA mA
DC current gain DC current gain DC current gain DC current gain

CHA IN
Transition frequency Turn-on time Turn-off time Turn-on time Turn-off time
E SEM NG
10%,Pulse Width=20|I
IC=4.5A ; VCE=1V IC=2A ; VCE=1V
OND IC
14 6
TOR UC
0.1 34 13 100
11
IC=10mA ; VCE=5V
10 MHz pF
IC=0.5A ; VCE=10V; f=1MHz IE=0; VCB=10V; f=1MHz s
Collector outoput capacitance
Switching times resistive load,Duty CycleU ton toff ton toff
VCC=300V ,IC=2A IB1=0.2A; IB2=1.0A
0.3 2.5 0.18 2.5 |I
|I |I
s s s |I s
VCC=300V ,IC=4.5A IB1=0.9A; IB2=2.25A
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
MJF18008

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of MJF18008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X