Part Number Hot Search : 
74ACT299 1S955 10EDA20 M100S Z86743 SR6A6K12 SK195 105000
Product Description
Full Text Search
 

To Download MJF13009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
MJF13009
DESCRIPTION *Collector-Emitter Sustaining Voltage : VCEO(SUS) = 400V(Min.) *Collector Saturation Voltage : VCE(sat) = 1.5 (Max) @ IC= 8.0A *Switching Time : tf= 0.7s(Max.)@ IC= 8.0A APPLICATIONS *Designed for use in high-voltage, high-speed, power switching in inductive circuit, they are particularly suited for 115 and 220V switchmode applications such as switching regulators,inverters,Motor controls,Solenoid/Relay drivers and deflection circuits. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCEV VCEO VEBO IC ICM IB
B
PARAMETER Collector-Emitter Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continuous Collector Current-peak Base Current Base Current-Peak Collector Power Dissipation TC=25 Junction Temperature Storage Temperature Range
VALUE 700 400 9 12 24 6 12 50 150 -65~150
UNIT V V V A A A A W
IBM PC Ti Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c Rth j-a PARAMETER Thermal Resistance,Junction to Case Thermal Resistance,Junction to Ambient MAX 2.5 62.5 UNIT /W /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC =25 unless otherwise specified SYMBOL VCEO(SUS) VCE(sat)-1 VCE(sat)-2 VCE(sat)-3 VBE(sat)-1 VBE(sat)-2 ICEV IEBO hFE-1 hFE-2 fT COB PARAMETER Collector-Emitter Sustaining Voltage Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain Current-Gain--Bandwidth Product Output Capacitance CONDITIONS IC= 10mA; IB= 0 IC= 5A ;IB= 1A IC= 8A ;IB= 1.6A IC= 12A ;IB= 3A IC= 5A ;IB= 1A IC= 8A ;IB= 1.6A VCEV= 700V; VBE(off)= 1.5V TC= 100 VEB= 9V; IC= 0 IC= 5A; VCE= 5V IC= 8A; VCE= 5V IC= 0.5 A; VCE= 10V; IE= 0; VCB= 10V; ftest = 0.1MHz 8 6 4 MIN 400
MJF13009
TYP.
MAX
UNIT V
1.0 1.5 3.0 1.2 1.6 1 5 1 40 30
V V V V V mA mA
MHz 180 pF
Switching Times; Resistive Load ton ts tf Storage Time Storage Time Fall Time IC= 8A; VCC= 125V; IB1= IB2= 1.6A; tp= 25s; Duty Cycle 1% 1.1 3.0 0.7 s s s
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of MJF13009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X