Part Number Hot Search : 
3106M MCP6561 KF10N50F FR252G TK11819M 3106M P6KE18 D125423D
Product Description
Full Text Search
 

To Download MJ11014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
MJ11014
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= 90V(Min.) *High DC Current Gain: hFE= 1000(Min.)@IC= 20A *Low Collector Saturation Voltage: VCE (sat)= 3.0V(Max.)@ IC= 20A *Complement to Type MJ11013
APPLICATIONS *Designed for use as output devices in complementary general purpose amplifier applications.
ABSOLUTE MAXIMUM RATINGS (Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current-Continunous Collector Current-Peak Base Current-Continunous Collector Power Dissipation @TC=25 Junction Temperature Storage Temperature Range VALUE 90 90 5 30 50 1 200 200 -55~+200 UNIT V V V A A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance, Junction to Case MAX 0.87 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN
MJ11014
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 0.1A; IB= 0
90
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 20A; IB= 0.2A
3.0
V
V CE(sat)-2
Collector-Emitter Saturation Voltage
IC= 30A; IB= 0.3A
4.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 20A; IB= 0.2A
3.5
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 30A; IB= 0.3A VCE=90V; RBE=1k VCE=90V; RBE=1k; TC=150 VCE= 50V; IB= 0
5.0 1.0 5.0 1.0
V
ICER
Collector Cutoff Current
mA
ICEO
Collector Cutoff Current
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
5.0
mA
hFE-1
DC Current Gain
IC= 20A, VCE= 5V
1000
hFE-2
DC Current Gain
IC= 30A, VCE= 5V
200
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of MJ11014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X