Part Number Hot Search : 
PT2257 00030 KBU608 BIMM115 NJU26 LT1100 ARE134H HT7733A
Product Description
Full Text Search
 

To Download MBRF1090CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRF1035CT - MBRF10150CT
Isolated 10.0 AMPS. Schottky Barrier Rectifiers ITO-220AB
Features
Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 260oC/10 seconds,0.25"(6.35mm)from case
Mechanical Data
Cases: ITO-220AB molded plastic Terminals: Pure tin plated, lead free. solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 5 in. - lbs. max Weight: 0.08 ounce, 2.24 grams
Dimensions in inches and (millimeters)
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol MBRF MBRF MBRF MBRF MBRF MBRF MBRF Units Type Number
Maximum Recurrent Peak Reverse Voltage VRRM Maximum RMS Voltage VRMS Maximum DC Blocking Voltage VDC Maximum oAverage Forward Rectified Current I(AV) 10 at TC=133 C Peak Repetitive Forward Current o (Rated VR, IFRM 10.0 Square Wave, 20KHz) at Tc=133 C Peak Forward Surge Current, 8.3 ms Single IFSM 120 Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current IRRM 0.5 (Note 1) Maximum Instantaneous Forward Voltage at 0.88 0.85 0.80 0.70 (Note 2) IF= 5A, Tc=25oC 0.78 0.75 0.65 0.57 IF= 5A, Tc=125oC VF o 0.98 0.95 0.90 0.80 IF=10A, Tc=25 C o 0.88 0.85 0.75 0.67 IF=10A, Tc=125 C Maximum Instantaneous Reverse Current o 0.1 IR 0.1 at Rated DC Blocking Voltage @Tc=25 C @ Tc=125 oC 5.0 15 10 Voltage Rate of Change, (Rated VR) dV/dt 10,000 RMS Isolation o Voltage (t=1.0 second, R.H. 30%, TA=25 C) 4500 (Note 4) VISO 3500 (Note 5) 1500 (Note 6) Typical Thermal Resistance Per Leg (Note3) RJC 3.5 Operating Junction Temperature Range TJ -65 to +150 Storage Temperature Range TSTG -65 to +150 1. 2.0 us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle Notes: 3. Thermal Resistance from Junction to Case Per Leg. 4. Clip Mounting (on case), where lead does not overlap heatsink with 0.110" offset. 5. Clip mounting (on case), where leads do overlap heatsink. < 6. Screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19") = 1035 CT 35 24 35 1045 CT 45 31 45 1050 CT 50 35 50 1060 CT 60 42 60 1090 10100 10150 CT CT CT 90 100 150 63 70 105 90 100 150 V V V A A A A
Maximum Ratings and Electrical Characteristics o
V
mA mA V/uS V
o
C/W o C o C
- 116 -
Version: B07
RATINGS AND CHARACTERISTIC CURVES (MBRF1035CT THRU MBRF10150CT)
FIG.1- FORWARD CURRENT DERATING CURVE
12 PEAK FORWARD SURGE CURRENT. (A) AVERAGE FORWARD CURRENT. (A) RESISTIVE OR INDUCTIVE LOAD 10 180 Tj=Tj max. 8.3ms Single Half Sine-Wave JEDEC Method
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
150
8
120
6
90
4
60
2
30
0
0
50 100 o CASE TEMPERATURE. ( C)
150
0 1 10 NUMBER OF CYCLES AT 60Hz 100
100
FIG.3- TYPICAL INSTANT ANEOUS FORWARD CHARACTERISTICS
50 MBRF1035CT-1045CT
FIG.4- TYPICAL REVERSE CHARACTERISTICS
40 INSTANTANEOUS FORWARD CURRENT. (A) 20 MBRF1050CT-1060CT 10 INSTANTANEOUS REVERSE CURRENT. (mA)
10
Tj=125 0C 1
4 2 1
Tj=75 0C 0.1
MBRF1090CT-10100CT 0.4 0.2 MBRF10150CT 0.1 0.6 0.7 0.8 Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE 1.2 1.3
0
0.01 Tj=25 0C
1.1 0.9 1.0 FORWARD VOLT AGE. (V)
0.001 0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLT AGE. (%)
FIG.5- TYPICAL JUNCTION CAPACIT ANCE
5,000 TRANSIENT THERMAL IMPEDANCE. ( OC/W) 100
100
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS PER LEG
JUNCTION CAPACITANCE.(pF)
0 Tj=25C f=1.0MHz Vsig=50mVp-p
10
1,000
500
1
100 0.1
1
10 REVERSE VOLTAGE. (V)
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
Version: B07


▲Up To Search▲   

 
Price & Availability of MBRF1090CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X